Electronic Components Datasheet Search
  English  ▼

X  

HM640 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM640
Description  the silicon N-channel Enhanced VDMOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM640 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM640 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM640 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM640 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM640 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM640 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM640 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM640 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM640 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM640 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description:
HM640, the silicon N-channel Enhanced VDMOSFETs, is
obtained by the self-aligned planar Technology which reduce the
conduction loss, improve switching performance and enhance
the avalanche energy. The transistor can be used in various
power switching circuit for system miniaturization and
higher efficiency. The package form is TO-220AB, which accords
with the RoHS standard.
Features:
l
Fast Switching
l
Low ON Resistance(Rdson≤0.18Ω)
l
Low Gate Charge (Typical Data:24nC)
l
Low Reverse transfer capacitances(Typical:25pF)
l
100% Single Pulse avalanche energy Test
Applications:
CRT、TV/Monitor and Lighting.
Absolute(Tc= 25℃ unless otherwise specified):
Symbol
Parameter
Rating
Units
VDSS
Drain-to-Source Voltage
200
V
Continuous Drain Current
18
A
ID
Continuous Drain Current TC = 100 °C
11.2
A
IDM
a1
Pulsed Drain Current
72
A
VGS
Gate-to-Source Voltage
±
30
V
EAS
a2
Single Pulse Avalanche Energy
950
mJ
EAR
a1
Avalanche Energy ,Repetitive
90
mJ
IAR
a1
Avalanche Current
4.2
A
dv/dt
a3
Peak Diode Recovery dv/dt
5.0
V/ns
Power Dissipation
156
W
PD
Derating Factor above 25°C
1.25
W/℃
TJ,Tstg
Operating Junction and Storage Temperature Range
150,–55 to 150
℃
TL
MaximumTemperature for Soldering
300
℃
VDSS
200
V
ID
18
A
PD(TC=25℃)
156
W
RDS(ON)Typ
0.12
Ω
Pa ge 1 of 1 0
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM640


Similar Part No. - HM640

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6408 HMSEMI-HM6408 Datasheet
1Mb / 7P
N-Channel Enhancement Mode Power MOSFET
HM6409 HMSEMI-HM6409 Datasheet
1,013Kb / 7P
P-Channel Enhancement Mode Power MOSFET
HM6409AE HMSEMI-HM6409AE Datasheet
344Kb / 3P
20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - HM640

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4N70F HMSEMI-HM4N70F Datasheet
790Kb / 10P
HM4N70F the silicon N-channel Enhanced VDMOSFETs,
HM6N70K HMSEMI-HM6N70K Datasheet
1Mb / 10P
silicon N-channel Enhanced VDMOSFETs
HM6N70 HMSEMI-HM6N70 Datasheet
1Mb / 10P
silicon N-channel Enhanced VDMOSFETs
HM16N60F HMSEMI-HM16N60F Datasheet
833Kb / 10P
silicon N-channel Enhanced VDMOSFETs
HM13N50 HMSEMI-HM13N50 Datasheet
354Kb / 8P
silicon N-channel Enhanced VDMOSFETs
HM10N70F HMSEMI-HM10N70F Datasheet
867Kb / 10P
silicon N-channel Enhanced VDMOSFETs
HM20N65F HMSEMI-HM20N65F Datasheet
875Kb / 10P
the silicon N-channel Enhanced VDMOSFETs
HM20N60F HMSEMI-HM20N60F Datasheet
919Kb / 10P
the silicon N-channel Enhanced VDMOSFETs
HM20N60A HMSEMI-HM20N60A Datasheet
532Kb / 10P
the silicon N-channel Enhanced VDMOSFETs
HM20N60 HMSEMI-HM20N60 Datasheet
817Kb / 10P
the silicon N-channel Enhanced VDMOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com