Electronic Components Datasheet Search
  English  ▼

X  

SM1K16CF Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM1K16CF
Description  Excellent clamping capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM1K16CF Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM1K16CF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K16CF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K16CF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K16CF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K16CF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SOLDERING PARAMETERS 
Reflow Condition
Pb-Free assembly
(see FIG.4)
Pre
Heat
-Temperature Min (Ts(min))
+150℃
-Temperature Max(Ts(max))
+200℃
-Time (Min to Max) (ts)
60-180 secs.
Average ramp up rate (Liquidus Temp
(TL)to peak)
3℃/sec. Max
Ts(max) to TL - Ramp-up Rate
3℃/sec. Max
Reflow
-Temperature(TL)(Liquidus)
+217℃
-Temperature(tL)
60-150 secs.
Peak Temp (Tp)
+260(+0/-5)℃
Time within 5℃of actual Peak Temp (tp)
20-40secs
Ramp-down Rate
6℃/sec. Max
Time 25℃ to Peak Temp (TP)
8 min. Max
Do not exceed
+260℃
PACKAGE MECHANICAL DATA 
Dimensions
Millimeters
Inches
Ref.
Min.
Max.
Min.
Max.
A
B
C
D
E
G
J
K
L
3.90
4.65
1.85
0.60
4.50
5.15
2.15
0.154
0.183
0.073
0.024
0.177
0.203
0.085
5.60
6.00
0.12
2.30
0.091
0.220
0.236
0.28
0.005
0.011
2.00
0.079
F
2.05
2.35
0.081
0.093
B
E
D
J
J
K
3.20
0.126
SMBF
 
 
FIG.4:
Reflow condition
25
TS(min)
TS(max)
TL
TP
tp
tL
time to peak temperatue
Time
(t 25
to peak)
℃
Ramp-up
Ramp-down
Preheat
Critical Zone
TL to TP
ts
 
SM1KxxCF Series Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com