Electronic Components Datasheet Search
  English  ▼

X  

SM1K16CF Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM1K16CF
Description  Excellent clamping capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM1K16CF Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM1K16CF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K16CF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K16CF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K16CF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K16CF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM1KxxCF Series Transient Voltage Suppressor
FEATURES: 
Excellent clamping capability.
Low profile package and low inductance.
High peak pulse voltage capability on 1.2/50μs-8/20μs@2Ω waveform.
Fast response time: typically less than 1.0ps from 0V to VBR min.
High temperature soldering: 260℃/40s at terminals.
Plastic package has underwriters laboratory flammability 94V-0.
For surface mounted applications in order to optimize board space.
ABSOLUTE MAXIMUM RATINGS (TA=25℃, RH=45%-75%, unless otherwise noted) 
Parameter
Symbol
Value
Unit
Storage temperature range
TSTG
-55 to +150
℃
operating junction temperature range
TJ
-55 to +150
℃
Steady state power dissipation at TL=75℃
PM(AV)
6.5
W
Peak pulse voltage on 1.2/50μs-8/20μs@2Ω
waveform
VPP
2000
V
 
 
 
 
 
 
 
 
 
 
SMBF
 
 
Symbol
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - SM1K16CF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM1K16CF LEIDITECH-SM1K16CF Datasheet
717Kb / 5P
Transient Voltage Suppressor
More results

Similar Description - SM1K16CF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
Excellent Clamping Capability
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
Excellent Clamping Capability
logo
Shanghai Semitech Semic...
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
Excellent Clamping Capability
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
Excellent clamping capability
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
Excellent clamping capability
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
Excellent clamping capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
Excellent clamping capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com