Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4281DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 15Page - Texas Instruments THS4281DBVT Datasheet HTML 16Page - Texas Instruments THS4281DBVT Datasheet HTML 17Page - Texas Instruments THS4281DBVT Datasheet HTML 18Page - Texas Instruments THS4281DBVT Datasheet HTML 19Page - Texas Instruments THS4281DBVT Datasheet HTML 20Page - Texas Instruments THS4281DBVT Datasheet HTML 21Page - Texas Instruments THS4281DBVT Datasheet HTML 22Page - Texas Instruments THS4281DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.ti.com
APPLICATION INFORMATION
HIGH-SPEED OPERATIONAL AMPLIFIERS
Applications Section Contents
_
+
Rf
2.49 k
Ω
49.9
Ω
0.1
µF 6.8 µF
−VS
Rg
50-
Ω Source
+
VI
0.1
µF 6.8 µF
+
+VS
VO
2.49 k
Ω
To Load
WIDEBAND, NONINVERTING OPERATION
0
4
8
12
16
20
24
0.1
1
10
100
VS = 3 V
Gain = 10,
RL = 1 kΩ,
VO = 0.1 VPP
RF = 100 kΩ
f − Frequency − MHz
RF = 1.65 kΩ
and 10 k
Ω
0
4
8
12
16
20
24
0.1
1
10
100
VS = ±5 V
Gain = 10,
RL = 1 kΩ,
VO = 0.1 VPP
RF = 100 kΩ
f − Frequency − MHz
RF = 2.5 kΩ
and 10 k
Ω
THS4281
SLOS432 – APRIL 2004
The THS4281 is a unity gain stable rail-to-rail input
and output voltage feedback operational amplifier
designed to operate from a single 2.7-V to 16.5-V
power supply.
•
Wideband, Noninverting Operation
•
Wideband, Inverting Gain Operation
•
Video Drive Circuits
•
Single-Supply Operation
•
Power
Supply
Decoupling
Techniques
and
Recommendations
•
Active Filtering With the THS4281
Figure 68. Wideband, Noninverting Gain
•
Driving Capacitive Loads
Configuration
•
Board Layout
•
Thermal Analysis
•
Additional Reference Material
•
Mechanical Package Drawings
Figure 68 shows the noninverting gain configuration
of 2 V/V used to demonstrate the typical performance
curves.
Voltage feedback amplifiers can use a wide range of
resistors values to set their gain with minimal impact
on frequency response. Larger-valued resistors de-
crease loading of the feedback network on the output
of the amplifier, but may cause peaking and insta-
Figure 69. Signal Gain vs
bility. For a gain of +2, feedback resistor values
Frequency, VS = 3 V
between 1 k
Ω and 4 kΩ are recommended for most
applications. However, as the gain increases, the use
of even higher feedback resistors can be used to
conserve power. This is due to the inherent nature of
amplifiers becoming more stable as the gain in-
creases, at the expense of bandwidth. Figure 69 and
Figure 70 show the THS4281 using feedback re-
sistors of 10 k
Ω and 100 kΩ. Be cautioned that using
such high values with high-speed amplifiers is not
typically recommended, but under certain conditions,
such as high gain and good high-speed-PCB layout
practices, such resistances can be used.
Figure 70. Signal Gain vs
Frequency, VS = ±5 V
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com