Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4281DBVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 22Page - Texas Instruments THS4281DBVT Datasheet HTML 23Page - Texas Instruments THS4281DBVT Datasheet HTML 24Page - Texas Instruments THS4281DBVT Datasheet HTML 25Page - Texas Instruments THS4281DBVT Datasheet HTML 26Page - Texas Instruments THS4281DBVT Datasheet HTML 27Page - Texas Instruments THS4281DBVT Datasheet HTML 28Page - Texas Instruments THS4281DBVT Datasheet HTML 29Page - Texas Instruments THS4281DBVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
www.ti.com
BILL OF MATERIALS
THS4281DBV EVM
ADDITIONAL REFERENCE MATERIALS
THS4281
SLOS432 – APRIL 2004
REFERENCE
SMD
PCB
MANUFACTURER'S
DISTRIBUTOR'S
ITEM
DESCRIPTION
DESIG-
SIZE
QTY.
PART NUMBER(1)
PART NUMBER
NATOR
1
Bead, Ferrite, 3A, 80
Ω
1206
FB1, FB2
2
(STEWARD)
(DIGI-KEY) 240-1010-1-ND
HI1206N800R-00
2
OPEN
1206
C1
1
3
Cap, 22 µF, tanatalum, 25 V,
D
C4, C5
2
(AVX) TAJD226K025R
(GARRETT) TAJD226K025R
10%
4
Cap, 0.1 µF, ceramic, X7R, 50V
0805
C3, C6
2
(AVX) 08055C104KAT2A
(GARRETT) 08055C104KAT2A
5
Cap, 100 pF, ceramic, 5%, 150V
AQ12
C2, C7
2
(AVX) AQ12EM101JAJME
(TTI) AQ12EM101JAJME
6
OPEN
0603
R6
1
7
Resistor, 2 K
Ω, 1/10W, 1%
0603
R2, R4
2
(PHYCOMP)
(GARRETT)
9C06031A2001FKHFT
9C06031A2001FKHFT
8
Resistor, 953
Ω, 1/10W, 1%
0603
R5
1
(PHYCOMP)
(GARRETT)
9C06031A9530FKRFT
9C06031A9530FKRFT
9
Resistor, 51.1
Ω, 1/8W, 1%
0805
R1
1
(PHYCOMP)
(GARRETT)
9C08052A51R1FKHFT
9C08052A51R1FKHFT
10
Resistor, 49.9
Ω, 1/8W, 1%
0805
R3
1
(PHYCOMP)
(GARRETT)
9C08052A49R9FKHFT
9C08052A49R9FKHFT
11
Jack, banana receptance, 0.25"
J5, J6, J7
3
(HH SMITH) 101
(NEWARK) 35F865
diameter hole
12
OPEN
J3
1
13
Test point, black
TP1
1
(KEYSTONE) 5001
(DIGI-KEY) 5001K-ND
14
Connector, edge, SMA PCB
J1, J2, J4
3
(JOHNSON) 142-0701-801
(NEWARK) 90F2624
JACK
15
Standoff, 4-40 HEX, 0.625"
4
(KEYSTONE) 1804
(NEWARK) 89F1934
length
16
Screw, PHILLIPS, 4-40, 0.250"
4
SHR-0440-016-SN
17
IC, THS4281
U1
1
(TI) THS4281DBV
18
Board, printed circuit
1
(TI) EDGE # 6448015 Rev.A
(1)
The manufacturer's part numbers are used for test purposes only.
•
PowerPAD Made Easy, application brief, (SLMA004)
•
PowerPAD Thermally Enhanced Package, technical brief (SLMA002)
•
Active Low-Pass Filter Design, application report (SLOA049)
•
FilterPro MFB and Sallen-Key Low-Pass Filter Design Program, application report (SBFA001)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com