Electronic Components Datasheet Search
  English  ▼

X  

HM1521 Datasheet(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1521
Description  USB dedicated charging port controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1521 Datasheet(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1521 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
第
9页
分压模式中 5W 和 10W USB充电器的选择
在
DP管脚和DM管脚间以及USB连接头的D+数据线、D-数据线间提供两种连接法,分别对应5W的
USB充电器和10W的USB充电器。对于5W的USB充电器,DP1管脚连到D-数据线,DM1管脚连到D+数据
线,具体如下图所示。对于
10W的USB充电器,DP1管脚连到D+数据线,DM1管脚连到D-数据线,具体如
下图所示。下面的表格列举了为
5W和10W的USB充电器所提供的不同的充电解决方案。
的
DP2和
DM2管脚同样也提供这两种连接方式。
表格:5W和10W的USB充电器的充电方案
5W USB充电应用图
10W USB充电应用图
布线指南
要放在靠近
USB输出连接头的地方,并且在IN管脚附近放置0.1μF 旁路电容。
USB充电类型
包含的充电方案
5-W
Divider 1
1.2V on both D+ and D- Lines
BC1.2DCP
10-W
Divider 2
1.2V on both D+ and D- Lines
BC1.2DCP
1521



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com