| Electronic Components Datasheet Search |
|
PRT2011CVL5A Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRT2011CVL5A Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 112 page ![]() i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020 14 NXP Semiconductors Modules List SJC System JTAG Controller System Control Peripherals The SJC provides JTAG interface, which complies with JTAG TAP standards, to internal logic. The i.MX RT1064 processors use JTAG port for production, testing, and system debugging. In addition, the SJC provides BSR (Boundary Scan Register) standard support, which complies with IEEE 1149.1 and IEEE 1149.6 standards. The JTAG port is accessible during platform initial laboratory bring-up, for manufacturing tests and troubleshooting, as well as for software debugging by authorized entities. The i.MX RT1064 SJC incorporates three security modes for protecting against unauthorized accesses. Modes are selected through eFUSE configuration. SNVS Secure Non-Volatile Storage Security Secure Non-Volatile Storage, including Secure Real Time Clock, Security State Machine, and Master Key Control. SPDIF Sony Philips Digital Interconnect Format Multimedia Peripherals A standard audio file transfer format, developed jointly by the Sony and Phillips corporations. Has Transmitter and Receiver functionality. Temp Monitor Temperature Monitor Analog The temperature sensor implements a temperature sensor/conversion function based on a temperature-dependent voltage to time conversion. TSC Touch Screen Human Machine Interfaces With touch controller to support 4-wire and 5-wire resistive touch panel. USBO2 Universal Serial Bus 2.0 Connectivity Peripherals USBO2 (USB OTG1 and USB OTG2) contains: • Two high-speed OTG 2.0 modules with integrated HS USB PHYs • Support eight Transmit (TX) and eight Receive (Rx) endpoints, including endpoint 0 Table 2. i.MX RT1064 modules list (continued) Block Mnemonic Block Name Subsystem Brief Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |