Electronic Components Datasheet Search
  English  ▼

X  

PRT702LCVL5A Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PRT702LCVL5A
Description  i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT702LCVL5A Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PRT702LCVL5A Datasheet HTML 26Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 27Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 28Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 29Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 30Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 31Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 32Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 33Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020
30
NXP Semiconductors
Electrical Characteristics
4.2.3.3
Ethernet PLL
4.2.3.4
USB PLL
4.2.3.5
Arm PLL
4.2.4
On-chip oscillators
4.2.4.1
OSC24M
This block implements an amplifier that when combined with a suitable quartz crystal and external load
capacitors implement an oscillator. The oscillator is powered from NVCC_PLL.
The system crystal oscillator consists of a Pierce-type structure running off the digital supply. A straight
forward biased-inverter implementation is used.
4.2.4.2
OSC32K
This block implements an amplifier that when combined with a suitable quartz crystal and external load
capacitors implement a low power oscillator. It also implements a power mux such that it can be powered
from either a ~3 V backup battery (VDD_SNVS_IN) or VDD_HIGH_IN such as the oscillator consumes
Table 17. Ethernet PLL’s electrical parameters
Parameter
Value
Clock output range
1 GHz
Reference clock
24 MHz
Lock time
< 11250 reference cycles
Table 18. USB PLL’s electrical parameters
Parameter
Value
Clock output range
480 MHz PLL output
Reference clock
24 MHz
Lock time
< 383 reference cycles
Table 19. Arm PLL’s electrical parameters
Parameter
Value
Clock output range
648 MHz ~ 1296 MHz
Reference clock
24 MHz
Lock time
< 2250 reference cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com