Electronic Components Datasheet Search
  English  ▼

X  

PRT702LCVL5A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PRT702LCVL5A
Description  i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT702LCVL5A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PRT702LCVL5A Datasheet HTML 3Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 4Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 5Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 6Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 7Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 8Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 9Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 10Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
i.MX RT1064 Introduction
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020
NXP Semiconductors
7
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be
identified (for example, cores, frequency, temperature grade, fuse options, and silicon revision). The
primary characteristic which describes which data sheet applies to a specific part is the temperature grade
(junction) field.
Ensure to have the proper data sheet for specific part by verifying the temperature grade (junction) field
and matching it to the proper data sheet. If there are any questions, visit the web page nxp.com/IMXRT or
contact an NXP representative for details.
Figure 1. Part number nomenclature—i.MX RT1064
Temperature (Tj)
+
Consumer: 0 to + 95 °C
D
Industrial: -40 to +105 °C
C
Core Frequency
$
400 MHz
4
500 MHz
5
600 MHz
6
Package Type
VV
196MAPBGA, 12 x 12 mm, 0.8 mm pitch
VJ
196MAPBGA, 10 x 10 mm, 0.65 mm pitch
VL
144LQFP, 20 x 20 mm, 0.5 mm pitch
AG
100LQFP, 14 x 14 mm, 0.5 mm pitch
AF
80LQFP, 12 x 12 mm, 0.5 mm pitch
AE
Qualification Level
M
Prototype Samples
P
Mass Production
M
Special
S
Part # series
XX
i.MX RT
RT
Tie
%
Standard Feature
1
Full Feature
2
4MB Flash SIP
4
Enhanced Feature
5
Far Field AFE (e.g. for Alexa Voice Service)
A
Facial Recognition
F
Local Voice Control
L
M
IMX
X X
@
%
+
VV
$
A
Family
@
First Generation RT family
1
Reserved
2-8
##
Sub-Family
##
RT101x
01
RT102x
02
RT105x
05
RT106x
06
Silicon Rev
A
A0
A
A1
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com