Electronic Components Datasheet Search
  English  ▼

X  

PRT2011DAG5A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PRT2011DAG5A
Description  i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011DAG5A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PRT2011DAG5A Datasheet HTML 18Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 19Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 20Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 21Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 22Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 23Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 24Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 25Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020
22
NXP Semiconductors
Electrical Characteristics
4.1.4
External clock sources
Each i.MX RT1064 processor has two external input system clocks: a low frequency (RTC_XTALI) and
a high frequency (XTALI).
The RTC_XTALI is used for low-frequency functions. It supplies the clock for wake-up circuit,
power-down real time clock operation, and slow system and watch-dog counters. The clock input can be
connected to either external oscillator or a crystal using internal oscillator amplifier. Additionally, there is
an internal ring oscillator, which can be used instead of the RTC_XTALI if accuracy is not important.
The system clock input XTALI is used to generate the main system clock. It supplies the PLLs and other
peripherals. The system clock input can be connected to either external oscillator or a crystal using internal
oscillator amplifier.
Table 11 shows the interface frequency requirements.
A/D converter
VDDA_ADC_3P3
—
3.0
3.3
3.6
V
VDDA_ADC_3P3 must be
powered even if the ADC is not
used.
VDDA_ADC_3P3 cannot be
powered when the other SoC
supplies (except VDD_SNVS_IN)
are off.
Temperature Operating Ranges
Junction
temperature
Tj
Standard
Commercial
0—
85
oC See the application note, i.MX
RT1064 Product Lifetime Usage
Estimates for information on
product lifetime (power-on years)
for this processor.
1 Applying the maximum voltage results in maximum power consumption and heat generation. NXP recommends a voltage set
point = (Vmin + the supply tolerance). This result in an optimized power/speed ratio.
2 Applying the maximum voltage results in shorten lifetime. 3.6 V usage limited to < 1% of the use profile. Reset of profile limited
to below 3.49 V.
3 In setting VDD_SNVS_IN voltage with regards to Charging Currents and RTC, refer to the i.MX RT1064 Hardware
Development Guide (IMXRT1064HDG).
Table 11. External input clock frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
RTC_XTALI Oscillator1,2
1 External oscillator or a crystal with internal oscillator amplifier.
2 The required frequency stability of this clock source is application dependent. For recommendations, see the Hardware
Development Guide for i.MX RT1064 Crossover Processors (IMXRT1064HDG).
fckil
—
32.7683/32.0
3 Recommended nominal frequency 32.768 kHz.
—kHz
XTALI Oscillator2,4
4 External oscillator or a fundamental frequency crystal with internal oscillator amplifier.
fxtal
—24
—
MHz
Table 10. Operating ranges (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com