Electronic Components Datasheet Search
  English  ▼

X  

PRT2011DAG5A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PRT2011DAG5A
Description  i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011DAG5A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PRT2011DAG5A Datasheet HTML 35Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 36Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 37Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 38Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 39Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 40Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 41Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 42Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
Electrical Characteristics
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020
NXP Semiconductors
39
4.4.2
WDOG reset timing parameters
Figure 8 shows the WDOG reset timing and Table 29 lists the timing parameters.
Figure 8. WDOGn_B timing diagram
NOTE
RTC_XTALI is approximately 32 kHz. RTC_XTALI cycle is one period or
approximately 30
s.
NOTE
WDOGn_B output signals (for each one of the Watchdog modules) do not
have dedicated pins, but are muxed out through the IOMUX. See the IOMUX
manual for detailed information.
4.4.3
SCAN JTAG Controller (SJC) timing parameters
Figure 9 depicts the SJC test clock input timing. Figure 10 depicts the SJC boundary scan timing.
Figure 11 depicts the SJC test access port. Signal parameters are listed in Table 30.
Figure 9. Test clock input timing diagram
Table 29. WDOGn_B timing parameters
ID
Parameter
Min
Max
Unit
CC3
Duration of WDOGn_B Assertion
1
—
RTC_XTALI cycle
WDOGn_B
CC3
(Output)
JTAG_TCK
(Input)
VM
VM
VIH
VIL
SJ1
SJ2
SJ2
SJ3
SJ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com