Electronic Components Datasheet Search
  English  ▼

X  

HM2012 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2012
Description  2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2012 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2012 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
2012
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
General Description
The
2012 is a 2.1W/ch stereo high efficiency
filter-free class-D audio power amplifier. The
2012
can operate from 2.7 to 5.5V supply. When powered
with 5V voltage, the
2012 can deliver 2.1W per
channel to dual 4Ω load at 10% THD+N, and also
capable of driving 1.5W/ch to dual 8Ω load. The
HM2012 is thermally limited in WCSP and may not
achieve 2.1W/ch for 4Ω.
As a Class D audio power amplifier, the
HM2012
supports 90% high efficiency and -75dB PSRR at
217Hz
which
make
the
device
ideal
for
battery-supplied, high quality audio applications.
The
HM2012 features independent shutdown controls
for each channel. The gain can be selected to 6, 12,
18, or 24 dB utilizing the G0 and G1 gain select pins.
The
HM2012
also
features
the
minimized
click-and-pop
noise
during
the
turn-on
and
shutdown.
The
HM2012 is manufactured in space-saving QFN-20
(4mm x 4mm) and WCSP-16 (2mm x 2mm) package
Applications
Applications
Mobile phone
Personal Digital Assistant(PDA)
Portable gaming device
Powered speakers
Notebook computer
Features
Output power
–
2.1W/ch into 4Ω at 5V
–
1.5W/ch into 8Ω at 5V
–
750mW/ch into 8Ω at 3.6V
PSRR: -75dB (typical)
CMRR: -70dB (typical)
Efficiency up to 90%
Only two external components required
Independent shutdown control for each channel
Short-circuit and thermal protection
Shutdown current: 1.0μA (typical)
Power supply range: 2.7V to 5.5V)
Packaging
-
QFN-20 (4mm x 4mm)
-
WCSP-16 (2mm x 2mm)
Pin Out Diagram
Figure1. QFN 20 Top View
Figure2. WCSP 16 Top View


Similar Part No. - HM2012

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
HM2010A HMSEMI-HM2010A Datasheet
712Kb / 7P
3W Class D Fully Differential Input Mono Audio Amplifier
HM2010A HMSEMI-HM2010A Datasheet
1Mb / 16P
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
HM2010D HMSEMI-HM2010D Datasheet
1Mb / 16P
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
HM2010M HMSEMI-HM2010M Datasheet
1Mb / 16P
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
More results

Similar Description - HM2012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
January 01, 2016
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com