Electronic Components Datasheet Search
  English  ▼

X  

HM2002 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2002
Description  1.2A built-in power tube step-down LED constant current driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2002 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2002 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
第 1 页
1.2A 内置功率管降压型 LED 恒流驱动 IC
典型应用电路:
VIN
ISENSE
LX
ADJ
GND
N/C
GND
VIN(6V-55V)
C1
4.7uF
Rs
0.1ohm
D1
L1
47uH
产品描述
HM2002 是一款连续电流模式的降压恒流驱动
芯片。在输入电压高于
LED 电压时,可以有效地
用于驱动一颗或多颗串联
LED。输入电压范围从
6V 到 55V,输出电流最大可达 1.2A。
HM2002 内置功率开关和高端电流检测电路,
使用外部电阻设置
LED 电流,可通过 ADJ 引脚接
收模拟调光和
PWM 调光,当 ADJ 小于 0.2V 后将
进入低功耗待机模式。
HM2002内置过温自动调节功能。当检测到驱
动电源过热时,即自动逐渐减小输出电流,从而控
制输出功率和温升,使驱动电源温度保持在设定值
范围内,从而提高系统的可靠性。芯片内部过温调
节阈值设定为
150℃。
特性
外围简单,元器件少
宽的电压输入范围:从
6V到55V
高达
1.2A的恒流输出
单一管脚实现开
/关、模拟调光和PWM调光
±
2%的电流输出精度
内置
VIN电压线性补偿
效率高达
97%
最大
1MHz开关频率
固有的
LED开路/短路保护
过温自动调节功能
SOT89-5封装形式,绿色环保封装
应用范围
车载
LED 灯
低压
LED 射灯代替卤素灯
低压
LED 工业用灯
LED 备用灯
LED 信号灯
LED 舞台灯
管脚图
HM2002


Similar Part No. - HM2002

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2006 HMSEMI-HM2006 Datasheet
549Kb / 5P
High and Low Side Driver
HM2006A HMSEMI-HM2006A Datasheet
549Kb / 5P
High and Low Side Driver
HM2006B HMSEMI-HM2006B Datasheet
549Kb / 5P
High and Low Side Driver
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
SPEECH RECOGNITION
logo
Shenzhen Huazhimei Semi...
HM2007 HMSEMI-HM2007 Datasheet
830Kb / 9P
Wireless Charger for 5W to 20W Systems
More results

Similar Description - HM2002

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM8501 FUMAN-FM8501 Datasheet
426Kb / 8P
Non-isolated step-down LED constant current driver IC
FM9022SS FUMAN-FM9022SS Datasheet
431Kb / 8P
Non-isolated step-down LED constant current driver IC
FM9032S FUMAN-FM9032S Datasheet
430Kb / 7P
Non-isolated step-down LED constant current driver IC
FM9129 FUMAN-FM9129 Datasheet
584Kb / 10P
Non-isolated step-down LED constant current driver IC
logo
Shenzhen Huazhimei Semi...
HM6287 HMSEMI-HM6287 Datasheet
458Kb / 8P
Built-in 100V power MOS step-up LED constant current driver
HM6109A HMSEMI-HM6109A Datasheet
1Mb / 7P
Step-down high-power constant current five-function LED driver IC
HM6109 HMSEMI-HM6109 Datasheet
793Kb / 7P
Step-down high-power constant-current three-function LED driver IC
HM9930 HMSEMI-HM9930 Datasheet
473Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9920 HMSEMI-HM9920 Datasheet
456Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9915 HMSEMI-HM9915 Datasheet
474Kb / 7P
Built-in MOS switch step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com