Electronic Components Datasheet Search
  English  ▼

X  

OPA615IDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA615IDRG4
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615IDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA615IDRG4 Datasheet HTML 3Page - Texas Instruments OPA615IDRG4 Datasheet HTML 4Page - Texas Instruments OPA615IDRG4 Datasheet HTML 5Page - Texas Instruments OPA615IDRG4 Datasheet HTML 6Page - Texas Instruments OPA615IDRG4 Datasheet HTML 7Page - Texas Instruments OPA615IDRG4 Datasheet HTML 8Page - Texas Instruments OPA615IDRG4 Datasheet HTML 9Page - Texas Instruments OPA615IDRG4 Datasheet HTML 10Page - Texas Instruments OPA615IDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
140
120
100
80
60
40
20
0
Quiescent Current (mA)
8
9
10
12
11
13
14
15
18
16
14
12
10
8
6
4
2
0
Quiescent Current (mA)
8
9
10
11
12
13
14
15
180
160
140
120
100
80
60
40
20
0
Quiescent Current (mA)
8
9
10
11
12
13
14
15
100
10
1
Frequency (Hz)
100
1k
10k
100k
1M
10M
B−Input Current Noise (2.5pA/
√Hz)
B−Input Voltage Noise (4.6nV/
√Hz)
E−Input Current Noise (21.0pA/
√Hz)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Ambient Temperature (
_C)
0.10
0.05
0
−0.05
−0.10
−40
−20
120
0
20
40
60
80
100
B−Input Bias Current
B−Input Offset Voltage
35
30
25
20
15
10
5
0
−5
−10
−15
−20
−25
−30
−35
OTA−B Input Voltage (mV)
−3.5 −3 −2.5 −2 −1.5 −1 −0.5 0 0.5 1 1.5 2 2.5 3 3.5
I
O UT
V
IN
Degenerated E−Input
R
E = RL = 100Ω
100
Ω
100
Ω
I
Q = 14.3mA
I
Q = 13mA
I
Q = 9.6mA
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
TYPICAL CHARACTERISTICS (continued)
T
A = +25°C, IQ = 13mA, unless otherwise noted.
OTA B-INPUT RESISTANCE vs QUIESCENT CURRENT
OTA C-OUTPUT RESISTANCE vs QUIESCENT CURRENT
Figure 7.
Figure 8.
OTA E-OUTPUT RESISTANCE vs QUIESCENT CURRENT
OTA INPUT VOLTAGE AND CURRENT NOISE DENSITY
Figure 9.
Figure 10.
OTA B-INPUT OFFSET VOLTAGE AND BIAS CURRENT
OTA TRANSFER CHARACTERISTICS vs INPUT VOLTAGE
vs TEMPERATURE
Figure 11.
Figure 12.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com