Electronic Components Datasheet Search
  English  ▼

X  

OPA615IDRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA615IDRG4
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615IDRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA615IDRG4 Datasheet HTML 17Page - Texas Instruments OPA615IDRG4 Datasheet HTML 18Page - Texas Instruments OPA615IDRG4 Datasheet HTML 19Page - Texas Instruments OPA615IDRG4 Datasheet HTML 20Page - Texas Instruments OPA615IDRG4 Datasheet HTML 21Page - Texas Instruments OPA615IDRG4 Datasheet HTML 22Page - Texas Instruments OPA615IDRG4 Datasheet HTML 23Page - Texas Instruments OPA615IDRG4 Datasheet HTML 24Page - Texas Instruments OPA615IDRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
CORRELATED DOUBLE SAMPLER
V
OUT
V
IN1
OPA694
SOTA
7
10
11
4
V
HOLD1
27pF
402
Ω
50
Ω
100
Ω
100
Ω
300
Ω
300
Ω
402
Ω
402
Ω
402
Ω
O T A
12
2
3
V
IN2
SOTA
7
10
11
4
V
HOLD2
27pF
50
Ω
100
Ω
100
Ω
300
Ω
300
Ω
O T A
12
2
3
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
The signal coming from the CCD is applied to the two
sample-and-hold amplifiers, with their outputs con-
Noise is the limiting factor for the resolution in a CCD
nected to the difference amplifier. The timing diagram
system, where the kT/C noise is dominant (see
clarifies the operation (see Figure 52). At time t1, the
Figure 51). To reduce this noise, imaging systems
sample and hold (S/H1) goes into the hold mode,
use a circuit called a Correlated Double Sampler
taking a sample of the reset level including the noise.
(CDS). The name comes from the double sampling
This voltage (VRESET) is applied to the noninverting
technique of the CCD charge signal. A CDS using
input of the difference amplifier. At time t2, the
two OPA615s and one OPA694 is shown in Fig-
sample-and-hold (S/H2) will take a sample of the
ure 50. The first sample (S1) is taken at the end of the
video level, which is VRESET – VVIDEO. The output
reset period. When the reset switch opens again, the
voltage of the difference amplifier is defined by the
effective noise bandwidth changes because of the
equation VOUT = VIN+ – VIN–. The sample of the reset
large difference in the switch RON and ROFF resist-
voltage contains the kT/C noise, which is eliminated
ance. This difference causes the dominating kT/C
by the subtraction of the difference amplifier.
noise essentially to freeze in its last point.
The double sampling technique also reduces the
The other sample (S2) is taken during the video
white noise. The white noise is part of the reset
portion of the signal. Ideally, the two samples differ
voltage (VRESET) as well as of the video amplitude
only by a voltage corresponding to the transferred
(VRESET – VVIDEO). With the assumption that the noise
charge signal. This is the video level minus the noise
of the noise of the second sample was unchanged
(
∆V).
from the instant of the first sample, the noise ampli-
tudes are the same and are correlated in time.
The CDS function will eliminate the kT/C noise as
Therefore, the noise can be reduced by the CDS
well as much of the 1/f and white noise.
function.
Figure 52 is a block diagram of a CDS circuit. Two
sample-and-hold amplifiers and one difference ampli-
fier constitute the correlated double sampler.
Figure 50. Correlated Double Sampler
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com