Electronic Components Datasheet Search
  English  ▼

X  

CPF Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # CPF
Description  Thin Film Precision Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CPF Datasheet(HTML) 3 Page - TE Connectivity Ltd

  CPF Datasheet HTML 1Page - TE Connectivity Ltd CPF Datasheet HTML 2Page - TE Connectivity Ltd CPF Datasheet HTML 3Page - TE Connectivity Ltd CPF Datasheet HTML 4Page - TE Connectivity Ltd CPF Datasheet HTML 5Page - TE Connectivity Ltd CPF Datasheet HTML 6Page - TE Connectivity Ltd CPF Datasheet HTML 7Page - TE Connectivity Ltd CPF Datasheet HTML 8Page - TE Connectivity Ltd CPF Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Thin Film Precision Resistors
1773200 Rev N 03/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Chip Size
1206
Rated Power @70°C
0.125W
Resistance
Range Ω
Min.
4R7
4R7
4R7
1R0
4R7
1R0
4R7
1R0
Max
1M5
1M0
1M5
2M49
1M5
2M49
1M5
2M49
Tolerance (%)
0.05
0.1
0.5
1
Code Letter
A
B
D
F
Selection series
E24 & E96
T.C.R. (ppm/°C)
15
25
50
15
25
50
15
25
50
15
25
50
Code Letter
D
E
C
D
E
C
D
E
C
D
E
C
Max Operating Volt.
150V
Max. Overload Volt.
300V
Op. Temp. Range
-55 ~ +155°C
Insulation Resistance
>
MΩ
Stability
0.5%
Chip Size
1210
Rated Power @70°C
0.25W
Resistance
Range Ω
Min.
4R7
4R7
1R0
4R7
1R0
4R7
1R0
Max
1M0
1M0
2M49
1M0
2M49
1M0
2M49
Tolerance (%)
0.05
0.1
0.5
1
Code Letter
A
B
D
F
Selection series
E24 & E96
T.C.R. (ppm/°C)
15
25
50
15
25
50
15
25
50
15
25
50
Code Letter
D
E
C
D
E
C
D
E
C
D
E
C
Max Operating Volt.
150V
Max. Overload Volt.
300V
Op. Temp. Range
-55 ~ +155°C
Insulation Resistance
>
MΩ
Stability
0.5%
Chip Size
2010
Rated Power @70°C
0.25W
Resistance
Range Ω
Min.
4R7
4R7
1R0
4R7
1R0
4R7
1R0
Max
1M0
1M0
3M0
1M0
3M0
1M0
3M0
Tolerance (%)
0.05
0.1
0.5
1
Code Letter
A
B
D
F
Selection series
E24 & E96
T.C.R. (ppm/°C)
15
25
50
15
25
50
15
25
50
15
25
50
Code Letter
D
E
C
D
E
C
D
E
C
D
E
C
Max Operating Volt.
150V
Max. Overload Volt.
300V
Op. Temp. Range
-55 ~ +155°C
Insulation Resistance
>
MΩ
Stability
0.5%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com