Electronic Components Datasheet Search
  English  ▼

X  

CPF Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # CPF
Description  Thin Film Precision Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CPF Datasheet(HTML) 1 Page - TE Connectivity Ltd

  CPF Datasheet HTML 1Page - TE Connectivity Ltd CPF Datasheet HTML 2Page - TE Connectivity Ltd CPF Datasheet HTML 3Page - TE Connectivity Ltd CPF Datasheet HTML 4Page - TE Connectivity Ltd CPF Datasheet HTML 5Page - TE Connectivity Ltd CPF Datasheet HTML 6Page - TE Connectivity Ltd CPF Datasheet HTML 7Page - TE Connectivity Ltd CPF Datasheet HTML 8Page - TE Connectivity Ltd CPF Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Thin Film Precision Resistors
1773200 Rev N 03/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Key Features
Thin film precision
resistors with TC's to
15ppm and tolerances to
0.05%.
Wide range of case sizes
from 0201 to 2512
Suitable for all
applications where close
accuracy and stability are
essential
Terminal finish
–
electroplated 100% matte
Sn
Applications
Communications
Industrial Controls
Instrumentation
Medical
Type CPF Series
The CPF series is a high stability precision chip resistor range offering
various power dissipations relating to a wide range of chip sizes. The CPF
series offers TCR's down to 15ppm/°C and resistance tolerances to 0.1%.
Standard values are within the IEC 63 E96 and E24 value grids. The CPF has
accurate and uniform physical dimensions to facilitate placement
Electrical Characteristics
Chip Size
0201
Rated Power @70°C
0.03125W
Resistance Range Ω
Min.
49R9
49R9
49R9
49R9
49R9
49R9
Max
75K
75K
75K
75K
75K
75K
Tolerance
0.1
0.5
1
Code Letter
B
D
F
Selection series
E24 & E96
Temp. Coefficient (ppm/°C)
25
50
25
50
25
50
Code Letter
E
C
E
C
E
C
Operating Voltage (Max)
15V
Max. Overload Voltage
30V
Operating Temp. Range
-55 ~ +155°C
Insulation Resistance dry min.
>
MΩ
Stability
0.5%


Similar Part No. - CPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
logo
TE Connectivity Ltd
CPF TEC-CPF Datasheet
1Mb / 16P
Passive Components
August 2007
CPF-A TEC-CPF-A Datasheet
745Kb / 6P
Automotive Grade Thin Film Chip Resistor
CPF-A-0603B2K4E1 TEC-CPF-A-0603B2K4E1 Datasheet
744Kb / 6P
Automotive Grade Thin Film Chip Resistor
CPF-A-0805B25KE1 TEC-CPF-A-0805B25KE1 Datasheet
744Kb / 6P
Automotive Grade Thin Film Chip Resistor
More results

Similar Description - CPF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
Tyco Electronics
CPF0603B2K2E1 MACOM-CPF0603B2K2E1 Datasheet
2Mb / 6P
Thin Film Precision Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com