Electronic Components Datasheet Search
  English  ▼

X  

LTC2913 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2913 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC2913 Datasheet HTML 4Page - Analog Devices LTC2913 Datasheet HTML 5Page - Analog Devices LTC2913 Datasheet HTML 6Page - Analog Devices LTC2913 Datasheet HTML 7Page - Analog Devices LTC2913 Datasheet HTML 8Page - Analog Devices LTC2913 Datasheet HTML 9Page - Analog Devices LTC2913 Datasheet HTML 10Page - Analog Devices LTC2913 Datasheet HTML 11Page - Analog Devices LTC2913 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT4356-1/LT4356-2
8
Rev. C
For more information www.analog.com
PIN FUNCTIONS
AOUT (DFN and SO Packages Only): Amplifier Output.
Opencollectoroutputoftheauxiliaryamplifier.Itiscapable
of sinking up to 2mA from 80V. The negative input of the
amplifier is internally connected to a 1.25V reference.
EN: Open-Collector Enable Output. The EN pin goes high
impedance when the voltage at the OUT pin is above (VCC
– 0.7V), indicating the external MOSFET is fully on. The
state of the pin is latched until the OUT pin voltage resets
at below 0.5V and goes back up above 2V. The internal
NPN is capable of sinking up to 3mA of current from 80V
to drive an LED or opto-coupler.
Exposed Pad (DFN Package Only): Exposed pad may be
left open or connected to device ground (GND).
FB: Voltage Regulator Feedback Input. Connect this pin
to the center tap of the output resistive divider connected
between the OUT pin and ground. During an overvoltage
condition, the GATE pin is servoed to maintain a 1.25V
threshold at the FB pin. This pin is clamped internally to
7V. Tie to GND to disable the OV clamp.
FLT: Open-Collector Fault Output. This pin pulls low after the
voltageattheTMRpinhasreachedthefaultthresholdof1.25V.
It indicates the pass transistor is about to turn off because
eitherthesupplyvoltagehasstayedatanelevatedlevelforan
extended period of time (voltage fault) or the device is in an
overcurrentcondition(currentfault).TheinternalNPNiscapa-
bleofsinkingupto3mAofcurrentfrom80VtodriveanLEDor
opto-coupler.
GATE: N-Channel MOSFET Gate Drive Output. The GATE
pin is pulled up by an internal charge pump current source
and clamped to 14V above the OUT pin. Both voltage and
current amplifiers control the GATE pin to regulate the
output voltage and limit the current through the MOSFET.
GND: Device Ground.
IN+ (DFN and SO Packages Only): Positive Input of the
Auxiliary Amplifier. This amplifier can be used as a level
detection comparator with external hysteresis or linear
regulator controlling an external PNP transistor. This pin
is clamped internally to 7V. Connect to ground if unused.
OUT: Output Voltage Sense Input. This pin senses the
voltage at the source of the N-channel MOSFET and sets
the fault timer current. When the OUT pin voltage reaches
0.7V away from VCC, the EN pin goes high impedance.
SHDN: Shutdown Control Input. Pulling the SHDN pin low
shuts the part down to a low current mode. All functions
are turned off for the LT4356-1 while the internal reference
and the auxiliary amplifier stay active for the LT4356-2.
The SHDN input threshold is similar to a TTL input. If the
SHDN voltage goes below 2.1V, the voltage must go below
0.4V for 100μs to properly shut down the part. To turn
the part back on, the SHDN voltage must transition from
below 0.4V to greater than 2.1V with a slew rate faster
than 10V/ms. An internal, 4μA current source is provided
to pull the SHDN pin up. An external pull-up device should
be used if the leakage current to ground might exceed 1μA.
The SHDN pin can be pulled up to 100V or below GND by
60V without damage.
SNS:CurrentSenseInput.Connectthispintotheoutputof
thecurrentsenseresistor.Thecurrentlimitcircuitcontrols
the GATE pin to limit the sense voltage between VCC and
SNS pins to 50mV. At the same time the sense amplifier
also starts a current source to charge up the TMR pin.
This pin can be pulled below GND by up to 60V, though
the voltage difference with the VCC pin must be limited to
less than 30V. Connect to VCC if unused.
TMR: Fault Timer Input. Connect a capacitor between this
pin and ground to set the times for early warning, fault
and cool down periods. The current charging up this pin
during fault conditions depends on the voltage difference
between the VCCandOUTpins.WhenVTMRreaches1.25V,
the FLT pin pulls low to indicate the detection of a fault
condition.Iftheconditionpersists,thepasstransistorturns
off when VTMR reaches the threshold of 1.35V. As soon as
the fault condition disappears, the pull up current stops
and a 2µA current starts to pull the TMR pin down. When
VTMRreachestheretrythresholdof0.5V,theGATEpinpulls
high turning back on the pass transistor. A minimum of
10nF capacitor is needed to compensate the loop. A 10V
rated X7R capacitor is recommended for CTMR.
VCC: Positive Supply Voltage Input. The positive supply
input ranges from 4V to 80V for normal operation. It
can also be pulled below ground potential by up to 60V
during a reverse battery condition, without damaging the
part. The supply current is reduced to 7µA with all the
functional blocks off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com