Electronic Components Datasheet Search
  English  ▼

X  

LTC2913 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2913 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2913 Datasheet HTML 8Page - Analog Devices LTC2913 Datasheet HTML 9Page - Analog Devices LTC2913 Datasheet HTML 10Page - Analog Devices LTC2913 Datasheet HTML 11Page - Analog Devices LTC2913 Datasheet HTML 12Page - Analog Devices LTC2913 Datasheet HTML 13Page - Analog Devices LTC2913 Datasheet HTML 14Page - Analog Devices LTC2913 Datasheet HTML 15Page - Analog Devices LTC2913 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LT4356-1/LT4356-2
12
Rev. C
For more information www.analog.com
Fault Timer Current
The timer current starts at around 2µA with 0.5V or less of
VDS, increasing linearly to 50µA with 75V of VDS during an
overvoltage fault (Figure 1). During an overcurrent fault,
it starts at 4µA with 0.5V or less of VDS but increases
to 260µA with 80V across the MOSFET (Figure 2). This
arrangement allows the pass transistor to turn off faster
duringanovercurrentevent,sincemorepowerisdissipated
during this condition. Refer to the Typical Performance
Characteristics section for the timer current at different
VDS in both overvoltage and overcurrent events.
When the voltage at the TMR pin, VTMR, reaches the 1.25V
threshold, the FLT pin pulls low to indicate the detection
of a fault condition and provide warning to the load of the
impending power loss. In the case of an overvoltage fault,
the timer current then switches to a fixed 5µA. The interval
between FLT asserting low and the MOSFET turning off
is given by:
tWARNING =
CTMR • 100mV
5µA
APPLICATIONS INFORMATION
Figure 1. Overvoltage Fault Timer Current
Figure 2. Overcurrent Fault Timer Current
tFLT
= 15ms/µF
TOTAL FAULT TIMER = tFLT + tWARNING
tWARNING
= 20ms/µF
tFLT = 93.75ms/µF
tWARNING
= 20ms/µF
VTMR(V)
ITMR = 5µA
ITMR = 5µA
VDS = 75V
(ITMR = 50µA)
VDS = 10V
(ITMR = 8µA)
1.35
1.25
TIME
4356 F01
0.50
tFLT
= 2.88ms/µF
TOTAL FAULT TIMER = tFLT + tWARNING
tFLT = 21.43ms/µF
tWARNING
= 2.86ms/µF
tWARNING
= 0.38ms/µF
VTMR(V)
VDS = 10V
(ITMR = 35µA)
1.35
1.25
0.50
TIME
4356 F02
VDS = 80V
(ITMR = 260µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com