Electronic Components Datasheet Search
  English  ▼

X  

SML412 Datasheet(PDF) 2 Page - Rohm

Part # SML412
Description  Low Current Type (IF =<10mA) Mini-molded chip LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML412 Datasheet(HTML) 2 Page - Rohm

  SML412 Datasheet HTML 1Page - Rohm SML412 Datasheet HTML 2Page - Rohm SML412 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT LED LAMPS
■ Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
FORWARD VOLTAGE : VF
(V)
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-30
-10 0 10 20 30 40 50 60 70
-20
90
80
100
IF=5mA
CASE TEMPERATURE : Tc
(℃)
10.0
1.0
0.1
FORWARD CURRENT :(mA)
510
15
20
0
1.0
10.0
100.0
2.8
3.2
3.1
3.0
2.9
Ta=25℃
1
1
5
10
10
100
1000
10000
PULSE DURATION : Tw
(μs)
SML412BC4T
SML412BC4T
SML412BC4T
SML412BC4T
SML412BC4T
20
10
0
010 20 30 40 50
70 80
60
90 100
30
AMBIENT TEMPERATURE : Ta
(℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com