Electronic Components Datasheet Search
  English  ▼

X  

SML412 Datasheet(PDF) 1 Page - Rohm

Part # SML412
Description  Low Current Type (IF =<10mA) Mini-molded chip LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML412 Datasheet(HTML) 1 Page - Rohm

  SML412 Datasheet HTML 1Page - Rohm SML412 Datasheet HTML 2Page - Rohm SML412 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT LED LAMPS
Low Current Type (IF≦10mA) Mini-molded chip LEDs
SML412 Series
(Typ.)
■ Directivity
The recommended thickness of the screen mask
for soldering is between 100 and 200μm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
■ Packaging Spacifications(Unit:mm)
■ Recommemded Pad Layout
1608
(0603)
1.6
×0.8
t=0.4
*IFP measured under duty ≦1/10,1kHz.
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
■ External Dimensions(Unit:mm)
Tolerance:
±0.1
VR
(V)
∆λ
■ Absolute Maximum Ratings(Ta=25℃)
■ Electrical Optical Characteristics(Ta=25℃)
Feeding direction
2
4
φ1.5
0.95
0.5
φ13
φ60
φ180
Package Size
(mm)
Tape Spacifications:T86〈5,000pcs/reel〉
Reel Spacifications
Blue
InGaN on SiC
0.8
(Unit:mm)
Peak
forward
current
*IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Stotage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
468nm
SML412BC4T
Note) "-" will be taken out for emitting color B series.
SML412BC4T
Blue
74
20
100
5
-30 to +85
-40 to +100
SML412BC4T
5
100
5
468
5.6
14
26
5
5
2.9
1.6
1.2
Die
Electrode
0.8
Tolerance:
±0.1
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Relative INTENSITY (
%)
SCANNING ANGLE (deg)
Transparent Clear
Y’
X’


Similar Part No. - SML412

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML400HB01MF SEME-LAB-SML400HB01MF Datasheet
652Kb / 9P
HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB06 SEME-LAB-SML400HB06 Datasheet
650Kb / 7P
HIGH PERFORMANCE POWER SEMICONDUCTORS
logo
Inchange Semiconductor ...
SML4014AVR ISC-SML4014AVR Datasheet
468Kb / 2P
isc N-Channel MOSFET Transistor
SML4014BVR ISC-SML4014BVR Datasheet
396Kb / 2P
isc N-Channel MOSFET Transistor
SML4016BVR ISC-SML4016BVR Datasheet
396Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SML412

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211 ROHM-SML-211 Datasheet
462Kb / 3P
Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML512 ROHM-SML512 Datasheet
105Kb / 3P
Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-811 ROHM-SML-811 Datasheet
319Kb / 3P
Low Current Type (IF <=10mA) Back-fire chip LEDs
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
Low Current Type (IF=<10mA) Side view chip LEDs
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
Low Current Type(IF 10mA)
SML-310LTT86 ROHM-SML-310LTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
Low Current Type(IF 10mA)
SML-310VTT86 ROHM-SML-310VTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
Low Current Type(IF 10mA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com