Electronic Components Datasheet Search
  English  ▼

X  

HM4055 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4055
Description  Monolithic miniature linear battery management chip with thermal regulation function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4055 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4055 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
注意:
绝对最大额定值是指在任何条件下都不能超过的额定值。万一超过此额定值,有可能造成产品劣化等物理性损伤。
■ 电学特性参数
(TA=25℃ unless otherwise noted)
参数
标号
条件
最低
典型
最高
UNIT
输入电压
Vcc
4.25
10
V
输入电流
Icc
Charge mode,Rprog=10K
200
400
µA
Standby mode
100
200
µA
Shutdown mode(Rprog not
connected,Vcc<Vbat or Vcc<Vuv)
40
100
µA
输出控制电压
Vfloat
0℃<TA<85℃, IBAT = 40mA
4.16
4.2
4.25
V
BAT端电流
Ibat
Rprog=10k,Current mode
93
100
107
mA
Rprog=2k,Current mode
465
500
535
mA
Standby mode,Vbat=4.2V
0
-2.5
-6
µA
Shutdown mode
1
2
µA
Battery reverse mode, VBAT=-4V
0.7
mA
Sleep mode,Vcc=0V
1
2
µA
涓流充电电流
Itrikl
Vbat<Vtrikl,Rprog=2k
93
100
107
mA
涓流充电极限电压
Vtrikl
Rprog=10K,Vbat Rising
2.7
2.8
2.9
V
涓流充电迟滞电压
Vtrhys
Rporg=10k
50
75
100
mV
电源低电闭锁阈值电压
Vuv
From Vcc low to high
3.7
3.8
3.9
V
电源低电阈值电压迟滞电压
Vuvhys
80
100
120
mV
手动关闭阈值电压
Vmsd
PROG pin rising
1.15
1.21
1.30
V
PROG pin falling
0.9
1.0
1.1
V
Vcc-Vbat停止工作阈值电压
Vasd
Vcc from low to high
160
210
260
mV
Vcc from high to low
70
100
130
mV
C/10 终端阈值电流
Iterm
Rprog=10k
0.085
0.10
0.115
mA/mA
Rprog=2k
0.085
0.10
0.115
mA/mA
PROG端电压
Vprog
Rprog=10k, Current mode
0.93
1.0
1.07
V
CHRG端弱下拉电流
Ichrg
Vchrg=5V
2
mA
电池再充电迟滞电压
Δ Vrecg
VFLOAT - VRECHRG
50
100
150
mV
HM4055



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com