Electronic Components Datasheet Search
  English  ▼

X  

HM4055 Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4055
Description  Monolithic miniature linear battery management chip with thermal regulation function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4055 Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4055 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
■ 特性曲线
1. 充电电流 VS BAT 端电压
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
100
200
300
400
500
600
Battery Voltage(V)
TJ=25℃, RSET=2K
Charge Current VS Battery Voltage
2. 充电电流 VS PROG 端电压
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
100
200
300
400
500
600
700
800
PROG Pin Voltage(V)
TJ=25℃,VIN=5.0V,RSET=2K
Charge Current VS PROG Pin Voltage
3. 充电电流 VS 输入电压
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0
100
200
300
400
500
600
700
800
Charge Current VS Supply Voltage
Supply Voltage(V)
TJ=25℃,VBAT=3.2V,RSET=2K
TJ=25℃,VBAT=3.2V,RSET=5K
4. CHARGE 端电流 VS CHARGE 端电压(充电时)
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
Charge Voltage(V)
TJ=25℃,VIN=5V, VBAT=3.6V
Charge Pin Current VS Charge Voltage
(Strong Pull-Down State)
5. CHARGE 端电流 VS CHARGE 端电压(充满电)
0
1
2
3
4
5
6
7
-10
-8
-6
-4
-2
0
2
4
6
8
10
Charge Pin Current VS Charge Voltage
(Weak Pull-Down State)
Charge Voltage(V)
TJ=25℃,VIN=5V, VBAT=4.3V
6. PROG 端电流 VS PROG 端上拉电压
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
-10
-8
-6
-4
-2
0
2
4
6
8
10
PROG Pin Voltage(V)
TJ=25℃,VIN=5V,VBAT=4.3V
PROG Pin Pull-up Current VS PROG Pin Voltage
HM4055



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com