Electronic Components Datasheet Search
  English  ▼

X  

CSL0901UT Datasheet(PDF) 9 Page - Rohm

Part # CSL0901UT
Description  Small LED with Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901UT Datasheet(HTML) 9 Page - Rohm

Back Button CSL0901UT Datasheet HTML 2Page - Rohm CSL0901UT Datasheet HTML 3Page - Rohm CSL0901UT Datasheet HTML 4Page - Rohm CSL0901UT Datasheet HTML 5Page - Rohm CSL0901UT Datasheet HTML 6Page - Rohm CSL0901UT Datasheet HTML 7Page - Rohm CSL0901UT Datasheet HTML 8Page - Rohm CSL0901UT Datasheet HTML 9Page - Rohm CSL0901UT Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
230〜260℃
tL
Retention time for TL Within 40sec.
TP
Peak temperature
260℃(Max)
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
a) Heating method
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
Condition ) Temp. of iron top less than
350℃ within 3 sec.
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
①SOLDER USED
furnaces vary by customer’s own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
TL
Reference temperature
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
Fig.-1
SOLDERING LAND
SOLDERING IRON
________________________________________________________
www.rohm.co.jp
©2020 ROHM Co., Ltd. All rights reserved
9/9
2020.4 - Rev.008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com