Electronic Components Datasheet Search
  English  ▼

X  

CSL0901UT Datasheet(PDF) 3 Page - Rohm

Part # CSL0901UT
Description  Small LED with Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901UT Datasheet(HTML) 3 Page - Rohm

  CSL0901UT Datasheet HTML 1Page - Rohm CSL0901UT Datasheet HTML 2Page - Rohm CSL0901UT Datasheet HTML 3Page - Rohm CSL0901UT Datasheet HTML 4Page - Rohm CSL0901UT Datasheet HTML 5Page - Rohm CSL0901UT Datasheet HTML 6Page - Rohm CSL0901UT Datasheet HTML 7Page - Rohm CSL0901UT Datasheet HTML 8Page - Rohm CSL0901UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
    
[Data Sheet]
■Viewing Angle
Reference
[CSL090x series]
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
CSL0901 series
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
0
50
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
50
X
X
X
X
-
-
-
-
Y
Y
Y
Y
スキャン方向
(Scanning
Direction)
0
50
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
50
X'
X'
X'
X'
-
-
-
-
Y'
Y'
Y'
Y'
ス キャン方向
(Sca nni ng
Direction)
________________________________________________________
www.rohm.co.jp
©2020 ROHM Co., Ltd. All rights reserved
3/9
2020.4 - Rev.008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com