Electronic Components Datasheet Search
  English  ▼

X  

MXCB Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MXCB
Description  Plug-in Signal Conditioners MX-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXCB Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MXCB Datasheet HTML 1Page - M-System Co.,Ltd. MXCB Datasheet HTML 2Page - M-System Co.,Ltd. MXCB Datasheet HTML 3Page - M-System Co.,Ltd. MXCB Datasheet HTML 4Page - M-System Co.,Ltd. MXCB Datasheet HTML 5Page - M-System Co.,Ltd. MXCB Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: MXCB
MXCB SPECIFICATIONS
ES-1745 Rev.8 Page 3/6
http://www.m-system.co.jp/
EXTERNAL VIEW
PL4
PL3
PL2
PL1
DATA
ITEM
DATA
ITEM
ITEM No. Display
DATA UP-DOWN Keys
ITEM No. UP-DOWN Keys
DATA Display
DOWN LED
UP LED
STOP LED
Polarity LED
Refer to the instruction manual for detailed procedures.
CONNECTION EXAMPLES
■ Used Independently
+
AUTO OUTPUT (↑)
AUTO OUTPUT (↓)
(–) OUTPUT
(+) OUTPUT
COMPUTER FAILURE
9
10
11
5
6
2
1
3
4
POWER
7
8
–
+ –
+ –
E/P
4 – 20mA DC
MXCB
FIELD
CONTROL VALVE
FLOWMETER
COMPUTER
PANEL
FRONT BACK
FEEDBACK
SIGNAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com