Electronic Components Datasheet Search
  English  ▼

X  

MXCB Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MXCB
Description  Plug-in Signal Conditioners MX-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXCB Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MXCB Datasheet HTML 1Page - M-System Co.,Ltd. MXCB Datasheet HTML 2Page - M-System Co.,Ltd. MXCB Datasheet HTML 3Page - M-System Co.,Ltd. MXCB Datasheet HTML 4Page - M-System Co.,Ltd. MXCB Datasheet HTML 5Page - M-System Co.,Ltd. MXCB Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: MXCB
MXCB SPECIFICATIONS
ES-1745 Rev.8 Page 1/6
http://www.m-system.co.jp/
Plug-in Signal Conditioners MX-UNIT
COMPUTER BACKUP STATION
(front configurable)
Functions & Features
• Manipulates/holds analog signals via contact input from a
computer
• Manual control available by the ‘Soft-Terminal’
indicator/controller (model: ST/STL).
• Restarts at the last stored value before power failure
Typical Applications
• Computer and DCS backup applications
• Used as manual controller
• Valve/damper control with ON-OFF signals
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: MXCB–[1]–[2][3]
ORDERING INFORMATION
• Code number: MXCB-[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. MXCB-V1-M2/Q)
• Specify the specification for option code /Q
(e.g. /C0/S01/SET)
[1] OUTPUT
Current
Z1: Range 0 – 20 mA DC (Load resistance 600Ω max.)
Voltage
V1: Range -1 – +1 V DC (Load resistance 1000Ω min.)
V2: Range -10 – +10 V DC (Load resistance 10kΩ min.)
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R3: 12 – 24 V DC
(Operational voltage range 10.8 - 26.4 V, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1745)
RELATED PRODUCTS
• Soft-Terminal (model: ST/STL)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Programming: Via front keys
• Scaled range
• Response time
• Trace back mode
• Initial value, Hi, Lo
• etc.
Refer to the instruction manual for detailed information.
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
Scaling: -9999 to 9999
MV indication: Output signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red; the PL1 turns on with negative polarity, the PL2
turns on at MANUAL mode, the PL3 turns on when UP signal
on at MANUAL mode, the PL4 turns on when DOWN signal
on at MANUAL mode.


Similar Part No. - MXCB

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
MMD Components
MXC MMD-MXC Datasheet
122Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillatorr
logo
Sensata Technologies, I...
MXC SENSATA-MXC Datasheet
331Kb / 5P
600 AMP, 48 VOLT CAN-BUS CONTACTOR
Rev03-Nov-2021
logo
Adlink Technology Inc.
MXC-2300 ADLINK-MXC-2300 Datasheet
536Kb / 2P
Embedded Computer
MXC-2300-3E1 ADLINK-MXC-2300-3E1 Datasheet
536Kb / 2P
Embedded Computer
More results

Similar Description - MXCB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXAP MSYSTEM-MXAP Datasheet
153Kb / 5P
Plug-in Signal Conditioners MX-UNIT
MXAB MSYSTEM-MXAB Datasheet
194Kb / 7P
Plug-in Signal Conditioners MX-UNIT
MXV MSYSTEM-MXV Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXT MSYSTEM-MXT Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXS MSYSTEM-MXS Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXR MSYSTEM-MXR Datasheet
126Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXMS MSYSTEM-MXMS Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXLCF MSYSTEM-MXLCF Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXLC MSYSTEM-MXLC Datasheet
118Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXF MSYSTEM-MXF Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com