Electronic Components Datasheet Search
  English  ▼

X  

HM4863 Datasheet(PDF) 21 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4863 Datasheet(HTML) 21 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4863 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2)
Package body sizes exclude mold flash and gate burrs.
TOP VIEW
TSSOP_20
A
END VIEW
SIDE VIEW
D
D1
E E1
E2
L
A1
e
b
SYMBOL
MIN
NOM
MAX
A
A1
b
D
E
E1
e
L
D1
E2
---
---
---
0.00
0.19
1.20
0.15
0.30
4.40
6.50
6.20
6.60
0.65
0.45
0.75
0.24
6.40
0.60
Unit: mm
4.10
4.30
2.90
3.10
Package Information
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
HM4863
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com