Electronic Components Datasheet Search
  English  ▼

X  

DAC53004 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53004
Description  DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53004 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC53004 Datasheet HTML 28Page - Texas Instruments DAC53004 Datasheet HTML 29Page - Texas Instruments DAC53004 Datasheet HTML 30Page - Texas Instruments DAC53004 Datasheet HTML 31Page - Texas Instruments DAC53004 Datasheet HTML 32Page - Texas Instruments DAC53004 Datasheet HTML 33Page - Texas Instruments DAC53004 Datasheet HTML 34Page - Texas Instruments DAC53004 Datasheet HTML 35Page - Texas Instruments DAC53004 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
7.5.2.2.1 Address Byte
The address byte, as shown in Table 7-10, is the first byte received from the master device following the start
condition. The first four bits (MSBs) of the address are factory preset to 1001. The next three bits of the address
are controlled by the A0 pin. The A0 pin input can be connected to VDD, AGND, SCL, or SDA. The A0 pin is
sampled during the first byte of each data frame to determine the address. The device latches the value of the
address pin, and consequently responds to that particular address according to Table 7-11.
Table 7-10. Address Byte
COMMENT
MSB
LSB
—
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/ W
General address
1
0
0
1
See Table 7-11
(slave address column)
0 or 1
Broadcast address
1
0
0
0
1
1
1
0
The DACx3004 supports broadcast addressing, which is used for synchronously updating or powering down
multiple DACx3004 devices. When the broadcast address is used, the DACx3004 responds regardless of the
address pin state. Broadcast is supported only in write mode.
Table 7-11. Address Format
SLAVE ADDRESS
A0 PIN
000
AGND
001
VDD
010
SDA
011
SCL
7.5.2.2.2 Command Byte
Table 7-16 lists the command byte in the ADDRESS column.
DAC63004, DAC53004
SLASEX2 – APRIL 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC63004 DAC53004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com