Electronic Components Datasheet Search
  English  ▼

X  

DAC53004 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53004
Description  DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53004 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DAC53004 Datasheet HTML 48Page - Texas Instruments DAC53004 Datasheet HTML 49Page - Texas Instruments DAC53004 Datasheet HTML 50Page - Texas Instruments DAC53004 Datasheet HTML 51Page - Texas Instruments DAC53004 Datasheet HTML 52Page - Texas Instruments DAC53004 Datasheet HTML 53Page - Texas Instruments DAC53004 Datasheet HTML 54Page - Texas Instruments DAC53004 Datasheet HTML 55Page - Texas Instruments DAC53004 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The DACx3004 are quad-channel buffered, force-sense output, voltage-output and current-output smart DACs
that include an NVM and internal reference, and available in a tiny 3-mm × 3-mm package. In voltage-output
mode, short the OUTx and FBx pins for each channel. In current-output mode, leave the FBx pins unconnected.
The FBx pins function as inputs in comparator mode. The external reference must not exceed VDD, either during
transient or steady-state conditions. For the best Hi-Z output performance, use a pullup resistor on the VREF
pin to VDD. In case the VDD remains floating during the off condition, place a 100-kΩ resistor to AGND for
proper detection of the VDD off condition. All the digital outputs are open drain; use external pullup resistors on
these pins. The interface protocol is detected at power-on, and the device locks to the protocol as long as VDD
is on. In I2C mode, when allocating the I2C addresses in the system, consider the broadcast address as well.
I2C timeout can be enabled for robustness. SPI mode is 3-wire by default. Configure the GPIO pin as SDO in
the NVM for SPI readback capability. The SPI clock speed in readback mode is slower than that in write mode.
Power-down mode sets the DAC outputs in Hi-Z by default. Change the configuration appropriately for different
power-down settings. The DAC channels can also power-up with a programmed DAC code in the NVM.
8.2 Typical Application
A power-supply margining and scaling circuit is used to trim, scale, or test the output of a power converter.
This example circuit is used to test a system by margining the power supplies for adaptive voltage scaling or to
program a desired value at the output. Adjustable power supplies, such as low dropout regulators (LDOs) and
DC/DC converters, provide a feedback or adjust the input that is used to set the desired output. A precision
voltage-output DAC is the best choice for controlling the power-supply output linearly. Figure 8-1 shows a control
circuit for a switch-mode power supply (SMPS) using the DACx3004. Typical applications of power-supply
margining are communications equipment, enterprise servers, test and measurement, and general-purpose
power-supply modules.
Figure 8-1. Voltage Margining and Scaling
DAC63004, DAC53004
SLASEX2 – APRIL 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC63004 DAC53004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com