Electronic Components Datasheet Search
  English  ▼

X  

TCFG Datasheet(PDF) 3 Page - Rohm

Part # TCFG
Description  Chip tantalum capacitors with open-function built-in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFG Datasheet(HTML) 3 Page - Rohm

  TCFG Datasheet HTML 1Page - Rohm TCFG Datasheet HTML 2Page - Rohm TCFG Datasheet HTML 3Page - Rohm TCFG Datasheet HTML 4Page - Rohm TCFG Datasheet HTML 5Page - Rohm TCFG Datasheet HTML 6Page - Rohm TCFG Datasheet HTML 7Page - Rohm TCFG Datasheet HTML 8Page - Rohm TCFG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TCFG series
Tantalum capacitors
3/15
!
!
!
!
Characteristics
Item
Performance
Test methods / conditions
(based on JIS C 5102, 5143)
Operating temperature
−55˚C ~ +125˚C
Max. operating temperature
at rated voltage
+85˚C
Rated voltage (V. DC)
20
16
10
6.3
4
Derated voltage (V. DC)
13
at 125˚C
10
6.3
4
2.5
Surge voltage (V. DC)
26
20
13
8
5.2
Leakage current
Less than or equal to the larger of 0.5
µA or
0.01CV. Details are given in Table 1,
"Standard Product List".
Measured value 60s after application
of rated voltage.
Capacitance range
1.0 ~ 100
µF
Measured frequency: 120
± 12Hz
Measured voltage: 0.5Vrms + 1.5V. DC
Measured circuit: equivalent series
circuit
Measured frequency: 120
± 12Hz
Measured voltage: 0.5Vrms + 1.5V. DC
Measured circuit: equivalent series
circuit
Measured frequency: 100
± 10Hz
Measured voltage: 0.5Vrms max.
Measured circuit: equivalent series
circuit
tan
δ
Direct immersion into solder bath
(320
± 5˚C)
Open function
operation
320˚C for 20s or less
P case
A case
B case
3.3
µF to 47µF : 0.06 max.
68
µF to 100µF : 0.08 max.
1
µF max.: 0.04 max.
1.5
µF to 22µF : 0.06 max.
33
µF to 47µF : 0.08 max.
1
µF to 4.7µF : 0.08 max.
6.8
µF to 15µF : 0.10 max.
Direct immersion into solder bath
Solder bath temperature: 260
± 5˚C
Immersion time: 5s
Immersion cycles: 1 time
Impedance
Resistance to
solder heat
27.5
Ω max.
P case
20.0
Ω max.
A case
15.0
Ω max.
B case
No noticeable irregularities, and the
markings must be easy to read.
Appearance
A B case within
± 5%
P case within
± 10%
∆C / C
P case 1.5 times or less or initial specified tolerance.
A B case must satisfy the initial specified value.
P case 1.5 times or less or initial specified tolerance.
A B case must satisfy the initial specified value.
P case 1.5 times or less or initial specified tolerance.
A B case must satisfy the initial specified value.
tan
δ
Must satisfy the initial specified value.
L.C
The four cycles in the table below are
repeated five times in succession.
Temperature
Time
Temperature
cycle
No noticeable irregularities, and the
markings must be easy to read.
Appearance
P case within
± 10%
A B case within
± 5%
∆C / C
tan
δ
Must satisfy the initial specified value.
P case = Within 150% of initial limit.
L.C
Measured after being left for 500
± 12hrs. at 60 ± 2˚C and 90 to 95%
RH, then 1 to 2 hrs. at normal room
temperature and humidity.
Resistance to
humidity
(steady state)
No noticeable irregularities, and the
markings must be easy to read.
Appearance
P case within
± 20%
A B case within
± 10%
∆C / C
tan
δ
Must satisfy the initial specified value.
L.C
1
2
3
4
−55 ± 3˚C
Room temperature
125
± 2˚C
Room temperature
30
± 3mins.
3mins. max.
30
± 3mins.
3mins. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com