Electronic Components Datasheet Search
  English  ▼

X  

TCFG Datasheet(PDF) 8 Page - Rohm

Part # TCFG
Description  Chip tantalum capacitors with open-function built-in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFG Datasheet(HTML) 8 Page - Rohm

Back Button TCFG Datasheet HTML 4Page - Rohm TCFG Datasheet HTML 5Page - Rohm TCFG Datasheet HTML 6Page - Rohm TCFG Datasheet HTML 7Page - Rohm TCFG Datasheet HTML 8Page - Rohm TCFG Datasheet HTML 9Page - Rohm TCFG Datasheet HTML 10Page - Rohm TCFG Datasheet HTML 11Page - Rohm TCFG Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TCFG series
Tantalum capacitors
8/15
Rated
voltage
at 85
°C
(V)
Derated
voltage
at 125
°C
(V)
Surge
voltage
at 85
°C
(V)
Capacitance
(
µF)
Tolerance
(%)
Leakage
current
at 25
°C
1WV.60s
(
µA)
DF
120Hz
25
°C
(%)
Case
code
Part No.
±20,10
0.5
0.5
8
±20,10
0.5
0.5
6
±20,10
0.5
0.5
6
TCF GP 1A 105
±20,10
0.5
8
P
P
A
P
P
P
B
A
A
A
B
B
B
B
B
B
B
B
A
B
B
B
B
A
A
A
A
P
A
A
A
A
A
±20,10
0.5
8
±20,10
0.5
8
±20,10
0.5
0.7
6
±20,10
0.7
8
±20,10
1.0
6
±20,10
1.0
1.5
6
±20,10
1.5
2.2
3.3
4.7
6
±20,10
0.5
6
±20,10
0.5
6
±20,10
0.5
0.5
6
±20,10
0.5
0.5
6
±20,10
0.8
0.8
6
±20,10
6
±20,10
6
±20,10
1.1
1.1
1.6
6
±20,10
2.4
3.5
8
±20,10
0.5
4
6
6
6
6
6
6
6
6
6
6
6
4
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
Tolerance
(M :
±20%, K : ±10%)
(P : 2012 A : 3216 B : 3528)
TCF GP 1A 155
TCF GA 1A 155
10
6.3
13
1.0
1.5
1.5
TCF GA 1A 225
TCF GP 1A 255
10
6.3
13
2.2
2.2
TCF GP 1A 335
TCF GA 1A 335
10
6.3
13
3.3
3.3
TCF GP 1A 475
10
6.3
13
4.7
TCF GA 1A 475
TCF GB 1A 475
10
6.3
13
4.7
4.7
10
6.3
13
6.8
TCF GA 1A 685
TCF GB 1A 685
10
6.3
13
6.8
10
6.3
13
10
TCF GA 1A 106
TCF GB 1A 106
10
10
10
10
10
10
10
10
10
10
6.3
13
10
TCF GA 1A 156
TCF GB 1A 156
TCF GB 1A 476
TCF GB 1A 336
TCF GB 1A 226
10
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
13
13
13
13
13
13
13
13
13
13
15
15
22
33
47
TCF GP 1C 105
TCF GA 1C 105
16
1.0
1.0
TCF GA 1C 155
16
1.5
TCF GA 1C 225
16
2.2
TCF GA 1C 335
16
10
3.3
TCF GB 1C 335
16
10
3.3
TCF GA 1C 475
TCF GB 1C 475
TCF GA 1C 685
TCF GB 1C 685
TCF GB 1C 106
TCF GB 1C 156
TCF GB 1C 226
TCF GA 1D 105
16
10
4.7
4.7
16
10
6.8
6.8
16
16
16
16
16
16
10
10
10
10
10
10
10
10
10
20
20
20
20
20
20
20
20
20
20
20
20
20
10
15
22
20
13
26
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com