Electronic Components Datasheet Search
  English  ▼

X  

HM5413 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5413
Description  1 Li-ion/Li-polymer battery protection IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5413 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5413 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
9. 电气特性
9.1. 电气参数(延迟时间除外)
8、电气参数(延迟时间参数除外。VSS=0V,Ta=25℃,除非特别说明。)
项目
符号
条件
最小值
典型值
最大值
单位
输入电压
VDD-VSS 工作电压
VDSOP1
-
1.5
-
8
V
VDD-CS 工作电压
VDSOP2
-
1.5
-
20
V
耗电流(有休眠功能的型号)
工作电流
IDD
VDD=3.9V
-
3.0
6.0
μA
休眠电流
IPD
VDD=2.0V
-
-
0.1
μA
耗电流(有过放自恢复功能的型号)
工作电流
IDD
VDD=3.9V
-
3.0
6.0
μA
过放电时耗电流
IOD
VDD=2.0V
-
0.16
0.5
μA
检测电压
4.0~4.5V,可调整
VCU
-0.025
VCU
VCU
+0.025
V
过充电检测电压
VCU
4.0~4.5V,可调整
-5℃~55℃(*1)
VCU
-0.035
VCU
VCU
+0.035
V
VCR≠VCU
VCR
-0.05
VCR
VCR
+0.05
V
过充电释放电压
VCR
3.8
4.5V,可
调整
VCR=VCU
VCR
-0.05
VCR
VCR
+0.025
V
过放电检测电压
VDL
2.0~3.1V,可调整
VDL
-0.05
VDL
VDL
+0.05
V
过放电释放电压
VDR
2.0~3.4V,可调整
VDR
-0.05
VDR
VDR
+0.05
V
放电过流检测电压
VDIP
VDD=3.6V
VDIP-15
VDIP
VDIP+15
mV
负载短路检测电压
VSIP
VDD=3.0V
0.55
0.85
1.15
V
VDD=3.6V , VCIP
150mV
VCIP-20
VCIP
VCIP+20
mV
VDD=3.6V,
150mV<VCIP<200mV
V P
P
P
CI -25
VCI
VCI +25
mV
充电过流检测电压
VCIP
VDD=
VCIP-30
VCIP
VCIP+30
mV
3.6V,VCIP≥200mV
控制端子输出电压
OD 端子输出高电压
VDH
VDD-0.1 VD
2
D-0.0
-
V
OD 端子输出低电压
VDL
-
0.1
0.5
V
OC 端子输出高电压
VCH
VDD-0.1 VD
2
D-0.0
-
V
OC 端子输出低电压
VCL
0.1
0.5
V
-
0V 电池充电的功能(允许或禁止)
充电器起始电压(允
许向
0V 电池充电功
V0CH
允许向
0V 电池充电功能
1.2
-
-
V
能)
电池电压(禁止向
0V
V0IN
禁止向
0V 电池充电功能
-
-
0.5
V
电池充电功能)
说明:
*1、此温度范围内的参数是设计保证值,而非高、低温实测筛选。
.
H
M5413
1 节锂离子/锂聚合物电池保护 IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com