Electronic Components Datasheet Search
  English  ▼

X  

HM5301 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5301
Description  3CH Power Management IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5301 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5301 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Ver. 1.3
8
 
Datasheet
3CH Power Management IC
 
 
 
Typical Operating Characteristics
VIN=5V, VVCC=5V, VOUT1=3.3V, VOUT2=1.5V, VOUT3=1.2V, L1=1.5uH, L2=1.5uH, L3=1.5uH, TA=25°C,
unless otherwise noted
 
 
 
 
ILOAD=0A each
ILOAD=1A each
 
 
VIN
VIN
 
 
VOUT1
 
VOUT2
 
VOUT3
VOUT1
 
VOUT2
 
VOUT3
 
 
 
 
VIN Power On Waveform
VIN Power On Waveform
 
 
 
 
ILOAD=0A each
ILOAD=1A each
 
 
VENX
VENX
 
 
VOUT1
 
VOUT2
 
VOUT3
VOUT1
 
VOUT2
 
VOUT3
 
 
 
 
EN Power On Waveform
EN Power On Waveform
 
 
 
 
 
VOUT1
AC
 
 
VOUT2
AC
 
 
VOUT3
AC
ILOAD=0A each
 
 
VOUT1
AC
 
 
 
VOUT2
AC
 
 
VOUT3
AC
ILOAD=1A each
 
 
 
 
Output Ripple Waveform
Output Ripple Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com