Electronic Components Datasheet Search
  English  ▼

X  

HM5301 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5301
Description  3CH Power Management IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5301 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5301 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3CH Power Management IC
Datasheet
13
Ver. 1.3
 
 
D
 
 
 
 
 
 
 
E
 
Package Information
 
 
QFN 3mm x 3mm-20 Package
 
 
R
 
 
M
 
 
N
S
 
 
 
 
P
 
O
Q
 
Top View
Recommended Layout Pattern
 
D1
 
L
 
1
 
 
E1
H
 
H1
H2
 
 
 
C
A
 
Bottom View
Side View
 
 
Unit: mm
 
 
Symbol
Dimension
 
Symbol
Dimension
Min
Max
Typ
A
0.15
0.25
M
1.50
C
0.35
0.45
N
1.50
D
2.90
3.10
O
0.30
E
2.90
3.10
P
0.80
D1
1.55
1.75
Q
0.40
E1
1.55
1.75
R
3.90
L
0.35
0.45
S
3.90
H
0.70
0.80
  
H1
0.18
0.25
  
H2
0.00
0.05
  
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com