Electronic Components Datasheet Search
  English  ▼

X  

AX88852 Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 11Page - ASIX Electronics Corporation AX88852 Datasheet HTML 12Page - ASIX Electronics Corporation AX88852 Datasheet HTML 13Page - ASIX Electronics Corporation AX88852 Datasheet HTML 14Page - ASIX Electronics Corporation AX88852 Datasheet HTML 15Page - ASIX Electronics Corporation AX88852 Datasheet HTML 16Page - ASIX Electronics Corporation AX88852 Datasheet HTML 17Page - ASIX Electronics Corporation AX88852 Datasheet HTML 18Page - ASIX Electronics Corporation AX88852 Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
15
2.3 Station Management Interface
Signal Name
Type Pin No.
Description
SMDC
I
116
Station Management Data Clock : The timing reference for MDIO. All data
transfers on MDIO are synchronized to the rising edge of this clock. MDC is
limited to a maximum frequency of 2.5MHz.
SMDIO
I/O/L
/PU
115
Station Management Data Input / Output : Serial data input/output transfers
from/to the internal registers or PHYs . The transfer protocol conforms to the
IEEE 802.3u MII specification.
/SMDV
I/PU
114
Station Management Data Valid : Asserted when a valid read/write command
is present.
SMDIR
O/L
110
Station Management Data Direction : Direction signal for an external bi-
directional buffer on the MDIO signal.
0 = MDIO data flows into the AX88850
1 = MDIO data flows out of the AX88850
Defaults to 0 when no register access is present.
BSMDC
O/L
112
Buffered Station Management Data Clock : Buffered MDC signal. Allow
more devices to be chained on the MII serial bus.
BSMDIO
I/O/L
/PU
111
Buffered Station Management Data Input /Output : Buffered MDIO signal.
When the “PHY_access” bit in the CONFIG register is set High, the MDIO
signal is passed through to BMDIO for accessing the physical device chips.
2.4 Management Information Base (MIB) Interface
Signal Name
Type Pin No.
Description
MD
I/O/Z
/MH
/PU
155
Management Data : Outputs management information for the AX88856 MIB
chip. This signal carries with RID_CH signal and port number of the in-
coming packet and is synchronous to IRD_CK signal.
MTX_RDY
O/L
109
Repeated Packet Ready : Repeated packet data ready to copy to MIB chip
indicator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com