Electronic Components Datasheet Search
  English  ▼

X  

DS3892M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3892M
Description  Octal Trapezoidal Driver / Octal TRI-STATE Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3892M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3892M Datasheet HTML 1Page - National Semiconductor (TI) DS3892M Datasheet HTML 2Page - National Semiconductor (TI) DS3892M Datasheet HTML 3Page - National Semiconductor (TI) DS3892M Datasheet HTML 4Page - National Semiconductor (TI) DS3892M Datasheet HTML 5Page - National Semiconductor (TI) DS3892M Datasheet HTML 6Page - National Semiconductor (TI) DS3892M Datasheet HTML 7Page - National Semiconductor (TI) DS3892M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
6V
Control Input Voltage
55V
Driver Input and Receiver Output
55V
Receiver Input and Driver Output
25V
Storage Temperature Range
b
65 Cto a165 C
Lead Temperature (Soldering 4 sec)
260 C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage
475
525
V
Temperature (TA)0
70
C
DS3890 Electrical Characteristics (Notes 2 and 3)
DRIVER AND CONTROL INPUTS
Symbol
Conditions
Min
Typ
Max
Units
VIH
20
V
VIL
08
V
IIL An
VCCeMax VINe04V
b
1
b
16
mA
IIL Dis
VCCeMax VINe04V
b
180
b
400
m
A
IIH
VCCeMax VINe24V
40
m
A
II
VCCeMax VINe525V
1
mA
VCL
VCCeMin IINeb12 mA
b
09
b
15
V
DRIVER OUTPUT
VOL
VCCeMin RLe185X
075
10
12
V
IOH
VCCeMax VOUTe2V
b
20
10
100
m
A
IO
VCCe0V VOUTe2V
100
m
A
IIL
VCCeMax VOUTe075V
b
100
b
250
m
A
ICC Low
VCCeMax
50
80
mA
ICC High
100
mA
DS3892 Electrical Characteristics (Notes 2 and 3)
CONTROL INPUTS
Symbol
Conditions
Min
Typ
Max
Units
VIH
20
V
VIL
08
V
IIL
VCCeMax VINe04V
b
180
b
400
m
A
IIH
VCCeMax VINe24V
40
m
A
II
VCCeMax VINe525V
1
mA
VCL
VCCeMin IINeb12 mA
b
09
b
15
V
RECEIVER
VOL
VCCeMin IOLe16 mA
035
05
V
VOH
VCCeMin IOHeb400 mA
24
32
V
IOS
VCCeMax VOUTe0V
b
20
b
70
b
100
mA
VTH Rec
VCCe5V
147
155
162
V
IIH Rec
VCCeMax VINe2V
10
100
m
A
II Rec
VCCe0V VINe2V
100
m
A
IIL Rec
VCCeMax VINe075V
100
m
A
ICC Low
VCCeMax
80
mA
ICC High
60
mA
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com