Electronic Components Datasheet Search
  English  ▼

X  

DS3892M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3892M
Description  Octal Trapezoidal Driver / Octal TRI-STATE Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3892M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3892M Datasheet HTML 1Page - National Semiconductor (TI) DS3892M Datasheet HTML 2Page - National Semiconductor (TI) DS3892M Datasheet HTML 3Page - National Semiconductor (TI) DS3892M Datasheet HTML 4Page - National Semiconductor (TI) DS3892M Datasheet HTML 5Page - National Semiconductor (TI) DS3892M Datasheet HTML 6Page - National Semiconductor (TI) DS3892M Datasheet HTML 7Page - National Semiconductor (TI) DS3892M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS3890 Switching Characteristics (Figure 1)
0 CsTAs70 C 475VsVCCs525V unless otherwise specified
Symbol
Conditions
Min
Typ
Max
Units
TdLH
An to Bn
915
ns
TdHL
915
ns
TdLH
Dis to Bn
10
18
ns
TdHL
12
20
ns
Tr
Tf
Bn rise and fall time
3
6
10
ns
DS3892 Switching Characteristics (Figures 2 3 and4)
Symbol
Conditions
Min
Typ
Max
Units
TdLH
Bn to An
12
18
ns
TpHL
10
18
ns
TdLZ
10
18
ns
TdZL
Dis to An
815
ns
TdHZ
48
ns
TdZH
712
ns
TNR
Receiver noise rejection
3
6
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The Table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
All currents into device pins are shown as positive values all currents out of the device are shown as negative all voltages are referenced to ground unless
otherwise specified All values shown as max or min are classified on absolute value basis and apply to the full operating temperature and VCC range
Note 3
All typical values are VCCe5V TAe 25 C
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com