Electronic Components Datasheet Search
  English  ▼

X  

HM5902 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5902
Description  Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5902 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5902 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
(Boost : VBAT=3.3V, Vout=5V,TA= 25°C, unless otherwise noted)
Efficiency vs.Output Current
86
87
88
89
90
91
92
93
94
95
96
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Output Current (A)
VBAT=3V
VBAT=3.3V
Load Regulation
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Output Current (A)
Line Regulation
0
0.1
0.2
0.3
0.4
0.5
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
Input Voltage (V)
Output Voltage vs. Temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
Temperature (℃)
IOUT=0.3A
IOUT=0.3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com