Electronic Components Datasheet Search
  English  ▼

X  

HM5902 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5902
Description  Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5902 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5902 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Battery Charging State Diagram
Shutdown Mode
Vcc < VUVLO
Vcc < VBAT
CHRGB=Hi-Impedance
Pre-Charge Mode
Charge Current=1/10.IBAT
CHRGB=Strong Pull-Low
Constant-Current Charge Mode
Charge Current=IBAT
CHRGB=Strong Pull-Low
Constant-Voltage Charge Mode
Charge Voltage > 4.05V
CHRGB=Strong Pull-Low
Standby Mode
Charge Termination
CHRGB=Hi-Impedance
VBAT < 4.1V
VBAT 2.9V
Charge Current <1/10.IBAT
≥
VBAT < 2.9V
or
Vcc < VBAT
Vcc < VUVLO or
Vcc < VBAT
Vcc < VUVLO or
Check
VBAT
Vcc ≥ VBAT
Vcc ≥ VUVLO
+0.1V
and
VBAT 2.9V
≥
or
Vcc < VBAT
Vcc < VUVLO
Vcc < VBAT
Vcc < VUVLO or
VBAT > 4.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com