Electronic Components Datasheet Search
  English  ▼

X  

LGT672 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LGT672
Description  Super TOPLED / High-Current LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGT672 Datasheet(HTML) 1 Page - OSRAM GmbH

  LGT672 Datasheet HTML 1Page - OSRAM GmbH LGT672 Datasheet HTML 2Page - OSRAM GmbH LGT672 Datasheet HTML 3Page - OSRAM GmbH LGT672 Datasheet HTML 4Page - OSRAM GmbH LGT672 Datasheet HTML 5Page - OSRAM GmbH LGT672 Datasheet HTML 6Page - OSRAM GmbH LGT672 Datasheet HTML 7Page - OSRAM GmbH LGT672 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
1
1999-05-18
Besondere Merkmale
q
Gehäusebauform: P-LCC-2
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
besonders geeignet bei hohem Umgebungslicht durch
erhöhten Betriebsstrom (
≤ 50 mA DC)
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (8-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
P-LCC-2 package
q
color of package: white
q
for use as optical indicator
q
appropriate for high ambient light because of the higher
operating current (
≤ 50 mA DC)
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (8 mm tape)
q
load dump resistant acc. to DIN 40839
Super TOPLED®
High-Current LED
LS T672, LO T672, LY T672
LG T672, LP T672
Opto Semiconductors


Similar Part No. - LGT672

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGT672 SIEMENS-LGT672 Datasheet
471Kb / 8P
Super TOPLED High-Current LED
LGT672-MQ SIEMENS-LGT672-MQ Datasheet
471Kb / 8P
Super TOPLED High-Current LED
LGT672-N SIEMENS-LGT672-N Datasheet
471Kb / 8P
Super TOPLED High-Current LED
LGT672-NR SIEMENS-LGT672-NR Datasheet
471Kb / 8P
Super TOPLED High-Current LED
LGT672-P SIEMENS-LGT672-P Datasheet
471Kb / 8P
Super TOPLED High-Current LED
More results

Similar Description - LGT672

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
LOYT672 SIEMENS-LOYT672 Datasheet
467Kb / 8P
Super Multi TOPLED High-Current LED
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
Super SIDELED High-Current LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
LC Mini TOPLED RG Low Current LED
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
Super Multi TOPLED High-Current LED
LST672 SIEMENS-LST672 Datasheet
471Kb / 8P
Super TOPLED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
LC TOPLED Low Current LED
logo
Marktech Corporate
LM1-TPP1-01 MARKTECH-LM1-TPP1-01 Datasheet
260Kb / 4P
Cotco RGB TOPLED LED
LP6-TPP1-01 MARKTECH-LP6-TPP1-01 Datasheet
117Kb / 4P
RGB TOPLED LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com