Electronic Components Datasheet Search
  English  ▼

X  

LGT672 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LGT672
Description  Super TOPLED / High-Current LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGT672 Datasheet(HTML) 2 Page - OSRAM GmbH

  LGT672 Datasheet HTML 1Page - OSRAM GmbH LGT672 Datasheet HTML 2Page - OSRAM GmbH LGT672 Datasheet HTML 3Page - OSRAM GmbH LGT672 Datasheet HTML 4Page - OSRAM GmbH LGT672 Datasheet HTML 5Page - OSRAM GmbH LGT672 Datasheet HTML 6Page - OSRAM GmbH LGT672 Datasheet HTML 7Page - OSRAM GmbH LGT672 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Opto Semiconductors
Data Sheet
2
1999-05-18
LS T672, LO T672, LY T672, LG T672, LP T672
s Nicht für Neuentwicklungen/Not for new design
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der Licht-
austrittsfläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 50 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 50 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS T672-LP
LS T672-N
LS T672-P
LS T672-NR
super-red
colorless clear
10
... 80
25
... 50
40
... 80
25
... 200
-
100 (typ.)
180 (typ.)
-
Q62703-Q2334
Q62703-Q2513
Q62703-Q2514
Q62703-Q2331
LO T672-MQ
LO T672-N
LO T672-P
LO T672-NR
orange
colorless clear
16
... 125
25
... 50
4
... 80
25
... 200
-
100 (typ.)
180 (typ.)
-
Q62703-Q2623
Q62703-Q2494
Q62703-Q2493
Q62703-Q2330
LY T672-LP
LY T672-N
LY T672-P
LY T672-NR
yellow
colorless clear
10
... 80
25
... 50
40
... 80
25
... 200
-
100 (typ.)
180 (typ.)
-
Q62703-Q2624
Q62703-Q2515
Q62703-Q2516
Q62703-Q2332
LG T672-MQ
LG T672-N
LG T672-P
LG T672-Q
LG T672-NR
green
colorless clear
16
... 125
25
... 50
40
... 80
63
... 125
25
... 200
-
100 (typ.)
180 (typ.)
300 (typ.)
-
Q62703-Q2625
Q62703-Q2517
Q62703-Q2518
Q62703-Q3081
Q62703-Q3854
LP T672-KN
LP T672-L
LP T672-M
LP T672-N
LP T672-LP
pure green
colorless clear
6.3 ... 50
10.0 ... 20
16.0 ... 32
25.0 ... 50
10.0 ... 80
-
45 (typ.)
75 (typ.)
100 (typ.)
-
Q62703-Q2626
Q62703-Q2627
Q62703-Q2289
Q62703-Q2290
Q62703-Q2334
s
s
s
s
s
s
s
s
s
s
s
s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com