Electronic Components Datasheet Search
  English  ▼

X  

EFP Datasheet(PDF) 3 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFP
Description  HIGH CURRENT MULTILAYER CHIP BEADS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFP Datasheet(HTML) 3 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFP Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
TYPE: EFP 160808
Part No.
Test Frequency
(MHz)
Impedance
( )±25%
DC Resistance
( )Max.
Rating Current
(mA)Max.
EFP160808L100*B
100
10
0.02
4000
EFP160808L110*B
100
11
0.02
4000
EFP160808L190*A
100
19
0.03
3000
EFP160808L200*A
100
20
0.03
3000
EFP160808L220*A
100
22
0.03
3000
EFP160808L250*A
100
25
0.03
3000
EFP160808L300*A
100
30
0.03
3000
EFP160808L310*A
100
31
0.03
3000
EFP160808L400*A
100
40
0.035
3000
EFP160808L470*A
100
47
0.04
3000
EFP160808L500*A
100
50
0.04
3000
EFP160808L560*A
100
56
0.04
3000
EFP160808L600*A
100
60
0.04
3000
EFP160808L680*A
100
68
0.05
2500
EFP160808L700*A
100
70
0.05
2500
EFP160808L750*A
100
75
0.05
2500
EFP160808L800*A
100
80
0.05
2500
EFP160808L900*A
100
90
0.05
2500
EFP160808L101*A
100
100
0.05
2500
EFP160808L121*A
100
120
0.08
2500
EFP160808L151*A
100
150
0.085
2000
EFP160808L181*A
100
180
0.09
2000
EFP160808L201*A
100
200
0.095
2000
EFP160808L221*A
100
220
0.10
2000
EFP160808L241*A
100
240
0.12
1500
EFP160808L301*A
100
300
0.12
1500
EFP160808L331*A
100
330
0.12
1500
EFP160808L401*A
100
400
0.12
1500
EFP160808L451*A
100
450
0.15
1500
EFP160808L471*A
100
470
0.15
1500
EFP160808L501*A
100
500
0.15
1200
EFP160808L601*A
100
600
0.20
1000
EFP160808L751*A
100
750
0.25
800
EFP160808L102*A
100
1000
0.25
800
EFP160808L152*A
100
1500
0.40
500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com