Electronic Components Datasheet Search
  English  ▼

X  

EFP Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFP
Description  HIGH CURRENT MULTILAYER CHIP BEADS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFP Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFP Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
HIGH CURRENT MULTILAYER CHIP BEADS
EFP SERIES
■ FEATURES
■
DIMENSIONS
These high current Beads do not require
wiring, with minimum capacity and lower
DC resistance characteristic, they are
designed to eliminate EMI for electrical
equipment power line use.
Available in high current which up to 6A.
Closed magnetic circuit avoids crosstalk,
suitable for high density PCB.
Excellent for high current applications
such as power supplies, industrial
Equipment, OA products, communication
products etc..
UNIT: mm
Type
A
B
C
D
EFP100505(0402)
1.0±0.10
0.5±0.10
0.5±0.10
0.1~0.4
EFP160808(0603)
1.6±0.20
0.8±0.15
0.8±0.15
0.2~0.6
EFP201209(0805)
2.0±0.20
1.25±0.20
0.9±0.20
0.2~0.8
EFP321611(1206)
3.2±0.20
1.60±0.20
1.1±0.20
0.4~1.0
■ PART NUMBERING SYSTEM
EFP
321611
L
121
1
A
Z
Z: RoHS Compliant
Endurance Current: A, B
Packing:
1: Tape and 7" Reel
Impedance:
121: 120
Material Code:
Dimensions:
Length(mm) x Width(mm) x Thickness(mm)
Product Name:
High Current Multilayer Chip Beads
Terminal
electrode
Ferrite
B
C
D
D
A


Similar Part No. - EFP

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
EFP-998-LSZH STRUCTURED-CABLE-EFP-998-LSZH Datasheet
741Kb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
10/23
EFP-998-P STRUCTURED-CABLE-EFP-998-P Datasheet
750Kb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
10/23
EFP-998MF-LSZH STRUCTURED-CABLE-EFP-998MF-LSZH Datasheet
2Mb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
10/23
EFP-998MF-P STRUCTURED-CABLE-EFP-998MF-P Datasheet
2Mb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
10/23
EFP-OM3R-LCLC STRUCTURED-CABLE-EFP-OM3R-LCLC Datasheet
2Mb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
More results

Similar Description - EFP

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPICP160808 PCA-EPICP160808 Datasheet
72Kb / 4P
Multilayer High Current Chip Beads
logo
Vishay Siliconix
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB0603ER121V VISHAY-ILHB0603ER121V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
TI100505 FRONTIER-TI100505 Datasheet
121Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI160808 FRONTIER-TI160808 Datasheet
131Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI451616 FRONTIER-TI451616 Datasheet
120Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com