Electronic Components Datasheet Search
  English  ▼

X  

HM6281 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6281
Description  400KHz 32V 2A Switching Current Boost LED Constant Current Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6281 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6281 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
HM6281
Rev 1.2
5
HM6281 Electrical Characteristics
Ta = 25℃;unless otherwise specified.
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
System parameters test circuit figure4
VFB
Feedback
Voltage
Vin = 5V to 12V, Vout=24V
Iload=100mA
209
220
231
mV
Efficiency
ŋ
Vin=12V ,Vout= 6*1W LED
Iout=0.3A
-
92
-
%
Electrical Characteristics (DC Parameters)
Vin = 12V, GND=0V, Vin & GND parallel connect a 47uf/25V capacitor; Iout=50mA, Ta =
25℃; the others floating unless otherwise specified.
Parameters
Symbol
Test Condition
Min. Typ. Max.
Unit
Input operation voltage
Vin
3.6
24
V
Shutdown Supply Current
ISTBY
VEN=0V
70
100
uA
Quiescent Supply Current
Iq
VEN =2V,
VFB =Vin
2.5
5
mA
Oscillator Frequency
Fosc
320
400
480
Khz
Switch Current Limit
IL
VFB =0
2
A
Output Power NMOS
Rdson
Vin=12V,
ISW=2A
110
120
mohm
EN Pin Threshold
VEN
High (Regulator ON)
Low (Regulator OFF)
1.4
0.8
V
IH
VEN =2V (ON)
3
10
uA
EN Pin Input Leakage
Current
IL
VEN =0V (OFF)
3
10
uA
Max. Duty Cycle
DMAX
VFB=0V
90
%
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com