Electronic Components Datasheet Search
  English  ▼

X  

HM6281 Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6281
Description  400KHz 32V 2A Switching Current Boost LED Constant Current Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6281 Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6281 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
HM6281
Rev 1.2
6
Schottky Diode Selection Table
Current Surface
Mount
Through
Hole
VR (The same as system maximum input voltage)
20V
30V
40V
50V
60V
1A
√
1N5817
1N5818
1N5819
√
1N5820
1N5821
1N5822
√
MBR320
MBR330
MBR340 MBR350
MBR360
√
SK32
SK33
SK34
SK35
SK36
√
30WQ03
30WQ04 30WQ05
√
31DQ03
31DQ04 31DQ05
3A
√
SR302
SR303
SR304
SR305
SR306
Typical System Application for VIN=5V to driver 2~6 x 1W series LED units
Figure5. HM6281 System Parameters Test Circuit (2~6 x 1W LED)
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com