Electronic Components Datasheet Search
  English  ▼

X  

OPA607IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607IDBVT
Description  OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA607IDBVT Datasheet HTML 1Page - Texas Instruments OPA607IDBVT Datasheet HTML 2Page - Texas Instruments OPA607IDBVT Datasheet HTML 3Page - Texas Instruments OPA607IDBVT Datasheet HTML 4Page - Texas Instruments OPA607IDBVT Datasheet HTML 5Page - Texas Instruments OPA607IDBVT Datasheet HTML 6Page - Texas Instruments OPA607IDBVT Datasheet HTML 7Page - Texas Instruments OPA607IDBVT Datasheet HTML 8Page - Texas Instruments OPA607IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
6 Pin Configuration and Functions
OUT
V
S+
V
S±
5
IN-
IN+
Figure 6-1. DBV Package
5-Pin SOT-23
Top View
5
6
PD
OUT
V
S+
V
S±
Figure 6-2. DCK Package
6-Pin SC70
Top View
Pin Functions – Single Channel
PIN
I/O
DESCRIPTION
NAME
DBV
DCK
IN–
4
3
I
Inverting input
IN+
3
1
I
Non inverting input
OUT
1
4
O
Output
PD
—
5
I
Power down (can be left floating)
VS–
2
2
—
Negative supply or ground (for single-supply operation)
VS+
5
6
—
Positive supply
www.ti.com
OPA607, OPA2607
SBOS981J – OCTOBER 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com