Electronic Components Datasheet Search
  English  ▼

X  

OPA607IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607IDBVT
Description  OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA607IDBVT Datasheet HTML 8Page - Texas Instruments OPA607IDBVT Datasheet HTML 9Page - Texas Instruments OPA607IDBVT Datasheet HTML 10Page - Texas Instruments OPA607IDBVT Datasheet HTML 11Page - Texas Instruments OPA607IDBVT Datasheet HTML 12Page - Texas Instruments OPA607IDBVT Datasheet HTML 13Page - Texas Instruments OPA607IDBVT Datasheet HTML 14Page - Texas Instruments OPA607IDBVT Datasheet HTML 15Page - Texas Instruments OPA607IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
7.6 Typical Characteristics (continued)
At TA = +25°C, VS = 5.5 V, RL = 10 kΩ, RF= 5 kΩ, CF= 2.5 pF, VCM = midsupply – 0.5 V, G = 6 V/V (unless otherwise noted).
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D006
VO = 200 mVPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
.
.
.
Figure 7-7. Large-Signal Frequency Response vs Output
Voltage
Frequency (Hz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100k
1M
10M
D007
VO = 200 mVPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
.
.
.
Figure 7-8. Large-Signal Response Flatness vs Frequency
Freuency (Hz)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
10
100
1k
10k
100k
1M
D008
HD2, RL = 10k:
HD3, RL = 10k:
HD2, RL = 2k:
HD3, RL = 2k:
.
VOUT = 2 VPP
.
Figure 7-9. Harmonic Distortion vs Frequency
Output Voltage (VPP)
1
1.5
2
2.5
3
3.5
4
4.5
5
-120
-110
-100
-90
-80
-70
-60
-50
-40
1
DPLO
HD2
HD3
.
Frequency = 20 kHz
.
Figure 7-10. Harmonic Distortion vs Output Voltage
Frequency (Hz)
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
100M
1
10
100
D019
CMRR
PSRR -
PSRR +
.
.
.
Figure 7-11. Rejection Ratio vs frequency
Frequency (Hz)
0
100
200
300
400
500
600
700
800
900
1000
100
1k
10k
100k
1M
10M
100M
D011
.
.
.
Figure 7-12. Open Loop Output Impedance vs Frequency
OPA607, OPA2607
SBOS981J – OCTOBER 2019 – REVISED APRIL 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com