Electronic Components Datasheet Search
  English  ▼

X  

POPA210IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # POPA210IDBVR
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA210IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button POPA210IDBVR Datasheet HTML 17Page - Texas Instruments POPA210IDBVR Datasheet HTML 18Page - Texas Instruments POPA210IDBVR Datasheet HTML 19Page - Texas Instruments POPA210IDBVR Datasheet HTML 20Page - Texas Instruments POPA210IDBVR Datasheet HTML 21Page - Texas Instruments POPA210IDBVR Datasheet HTML 22Page - Texas Instruments POPA210IDBVR Datasheet HTML 23Page - Texas Instruments POPA210IDBVR Datasheet HTML 24Page - Texas Instruments POPA210IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8.3 System Example
8.3.1 Time Gain Control System for Ultrasound Applications
During an ultrasound send-receive cycle, the magnitude of reflected signal depends on the depth of penetration.
The ultrasound signal incident on the receiver decreases in amplitude as a function of the time elapsed
since transmission. The time gain control (TGC) system helps achieve the best possible signal-to-noise ratio
(SNR), even with the decreasing signal amplitude. When the image is displayed, similar materials have similar
brightness, regardless of depth. Linear-in-dB gain, which means the decibel gain is a linear function of the
control voltage (VCNTL), is used to generate this image.
There are multiple approaches for a TGC control circuit that are based on the type of DAC. Figure 8-4 shows a
high-level block diagram for the topology using a current-output multiplying DAC (MDAC) to generate the drive
for VCNTL. The op amp used for current-to-voltage (I-to-V) conversion must have low-voltage noise, as well as
low-current noise density. The current density helps reduce the overall noise performance because of the DAC
output configuration. The DAC output can go up to ±10 V; therefore, the op amp must have bipolar operation.
The OPAx210 is used here because of the low-voltage noise density of 2.2 nV/√Hz, low-current noise density
of 500 fA/√Hz, rail-to-rail output, and the ability to accept a wide supply range of ±2.25 V to ±18 V and provide
rail-to-rail output. The low offset voltage and offset drift of the OPAx210 facilitate excellent dc accuracy for the
circuit.
The OPAx210 is used to filter and buffer the 10-V reference voltage generated by the REF5010. The REF5010
serves as the reference voltage for the DAC8802, which generates a current output on IOUT corresponding to
the digital input code. The IOUT pin of the DAC8802 is connected to the virtual ground (negative terminal) of the
OPAx210; the feedback resistor (RFB is internal to the DAC8802) is connected to the output of the OPAx210, and
results in a current-to-voltage conversion. The output of the OPAx210 has a range of –10 V to 0 V, which is fed
to the THS4130 configured as a Sallen-Key filter. Finally, the 10-V range is attenuated down to a 1.5-V range,
with a common-mode voltage of 0.75 V using a resistive attenuator. See the 2.3-nV/√Hz, Differential, Time Gain
Control DAC Reference Design for Ultrasound for an in-depth analysis of Figure 8-4.
www.ti.com
OPA210, OPA2210
SBOS924G – SEPTEMBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com