Electronic Components Datasheet Search
  English  ▼

X  

FTK7N70PD Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FTK7N70PD
Description  7 Amps, 700 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7N70PD Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FTK7N70PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2016.05. 10
7/ 7
Revis ion No : 0
FTK7N70P/F/DD
On-Resistance Variation vs. Drain
Current and Gate Voltage
1
0.1
0.2
Source-Drain Voltage, VSD (V)
On State Current vs. Allowable Case
Temperature
1.8
0.4 0.6 0.8 1.0 1.2
1.6
1.4
10
150
25
Notes:
1. VGS=0V
2. 250�s Test
2000
0
0.1
Drain-SourceVoltage, VDS (V)
1600
400
1
10
Ciss
1200
800
Notes:
1. VGS=0V
2. f = 1MHz
Ciss Cgs+Cgd (Cds=shorted )
Coss=Cds+Cgd Crss=Cgd
Capacitance Characteristics
(Non-Repetitive)
0
Total Gate Charge, QG (nC)
10
30
50
8
10
12
20
6
4
2
0
VDS=130V
VDS=520V
VDS=325V
40
Gate Charge Characteristics
Coss
Crss
60 70
Note: ID=7A
Notes:
1.
JC (t) = 0. 88
/W Max.
2. Duty Factor , D=t1/t2
3.TJM-TC=PDM× JC (t)
1
0.1
0.01
1E-5 1E-4 1E-3 0.01 0.1 1 10
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response
Curve
0
4
8
12
16
20
0
1
2
3
V
GS = 20V
V
GS = 10V
Note : T
J = 25
oC
I
D, Drain Current [A]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com